công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPX4250ASX bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MPX4250ASX
Giải thích chi tiết về linh kiện  INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX4250ASX bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MPX4250ASX Datasheet HTML 1Page - Motorola, Inc MPX4250ASX Datasheet HTML 2Page - Motorola, Inc MPX4250ASX Datasheet HTML 3Page - Motorola, Inc MPX4250ASX Datasheet HTML 4Page - Motorola, Inc MPX4250ASX Datasheet HTML 5Page - Motorola, Inc MPX4250ASX Datasheet HTML 6Page - Motorola, Inc MPX4250ASX Datasheet HTML 7Page - Motorola, Inc MPX4250ASX Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Sensor Device Data
Integrated Silicon Pressure Sensor
Manifold Absolute Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The Motorola MPX4250 series Manifold Absolute Pressure (MAP) sensor for turbo
boost engine control is designed to sense absolute air pressure within the intake
manifold. This measurement can be used to compute the amount of fuel required for
each cylinder.
The MPX4250 series sensor integrates on–chip, bipolar op amp circuitry and thin film
resistor networks to provide a high level analog output signal and temperature
compensation. The small form factor and reliability of on–chip integration make the
Motorola MAP sensor a logical and economical choice for automotive system designers.
Features
• 1.5% Maximum Error Over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute Pressure Sensing in Engine
Control Systems
• Ideally Suited for Direct Microprocessor Interfacing
• Patented Silicon Shear Stress Strain Gauge
• Temperature Compensated Over –40° to +125°C
• Offers Reduction in Weight and Volume Compared to Existing Hybrid Modules
• Durable Epoxy Unibody Element
• Ideal for Non–Automotive Applications
Application Examples
• Manifold Sensing for Automotive Systems
PINS 4, 5 AND 6 ARE NO CONNECTS
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
3
X–ducer
SENSING
ELEMENT
1
Vout
2
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
Senseon and X–ducer are trademarks of Motorola, Inc.
Order this document
by MPX4250/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
MPX4250
SERIES
INTEGRATED
PRESSURE SENSOR
20 to 250 kPa (2.9 to 36.3 psi)
0.2 to 4.9 V OUTPUT
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the Lead.
BASIC CHIP
CARRIER ELEMENT
CASE 867–08, STYLE 1
PORT OPTION
CASE 867B–04, STYLE 1
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
REV 2


Số phần tương tự - MPX4250ASX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
NXP Semiconductors
MPX4250A NXP-MPX4250A Datasheet
548Kb / 16P
20 to 250 kPa, Manifold absolute pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 8.0-25 July 2017
logo
Freescale Semiconductor...
MPX4250AP FREESCALE-MPX4250AP Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
NXP Semiconductors
MPX4250AP NXP-MPX4250AP Datasheet
548Kb / 16P
20 to 250 kPa, Manifold absolute pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 8.0-25 July 2017
More results

Mô tả tương tự - MPX4250ASX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MPX4100 MOTOROLA-MPX4100 Datasheet
135Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
MPX4200 MOTOROLA-MPX4200 Datasheet
142Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
MPX4250D MOTOROLA-MPX4250D Datasheet
148Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
NXP Semiconductors
FXPS7250A4 NXP-FXPS7250A4_V01 Datasheet
449Kb / 24P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 5 - 29 July 2022
FXPS7250D4 NXP-FXPS7250D4_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 6.1 - 28 June 2023
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com