công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

52RA4S3 bảng dữ liệu(PDF) 3 Page - Siemens Semiconductor Group

tên linh kiện 52RA4S3
Giải thích chi tiết về linh kiện  30 mm Heavy Duty, Watertight/Oiltight, Class 52
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

52RA4S3 bảng dữ liệu(HTML) 3 Page - Siemens Semiconductor Group

  52RA4S3 Datasheet HTML 1Page - Siemens Semiconductor Group 52RA4S3 Datasheet HTML 2Page - Siemens Semiconductor Group 52RA4S3 Datasheet HTML 3Page - Siemens Semiconductor Group 52RA4S3 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10/160
Product Category: PILO
Accessories and spare parts
Pushbutton Units and Indicator Lights
30 mm Heavy Duty, Watertight/Oiltight, Class 52
Siemens / Industrial Controls
Previous folio: 10/154
Siemens Industry, Inc.
Industrial Controls Catalog
Selection and ordering data
Version
Suitable for
Color
Order no.
List
Price
$
Protective boot
Flush pushbutton operations
clear
52AABA
Offers protection from ice and foreign sub-
stances from interfering with button operation
black
52AAB1
Guards
Non-illuminated basic pushbuttons
chrome
52AAGP
Prevents accidental operation
blackmax
52AXGP
1 5/8” mushroom pushbuttons, 1 3/4”
push-pull units, and twist to release units
chrome
52AAGM
blackmax
52AXGM
Push to test/illuminated pushbutton and
indicator lights
chrome
52AAGL
blackmax
52AXGL
EMERGENCY-STOP Lock Out
Class 52 Illuminated Mushroom Head
Pushbuttons; 304 Stainless Steel
chrome (304 SS)
52AALE
EMERGENCY-STOP Backing Ring
Yellow 90mm E-STOP Backing Ring
52AAR
Locknuts
Non-illuminated basic pushbuttons
chrome
52AANP
Replacement front ring
blackmax
52AXNP
Non-illuminated mushroom pushbuttons
chrome
52AANL
blackmax
52AXNL
Push-pull and twist-to-release units (only for
push-pull units starting with 52PP or 52BP)
chrome
52CANP
blackmax
52CXNP
Indicator Lights
blue
52AANL
amber
52AXNL
Selector switches
chrome
52AANS
blackmax
52AXNS
Mounting Accessories
Class 52 Trim Washer Kit (Set of 10 pcs)
chrome
52AAQ
Class 52 Washer Kit (Include 2-Neoprene
Gaskets, 1-Trim Washer, 1-Index Locking Ring
(chrome)
52AAD
Padlock attachments
Non-illuminated basic pushbuttons
flush
52AALA
extended
52AALB
Padlock cover
Pushbuttons, selector switches, and
non-illuminated mushroom heads
52AALS
Lock devices in off position
Lock nut wrench
All devices
52MAWB
Hole plugs
corrosion resistant
52AAH6
steel, grey
52ABH6
stainless steel
52ABHS
Spare keys
Class 52 Standard Keyed Selector Switch.
501CH
52KEY-501CH
(Kit includes 1 Key)
Keyed Selector Switch ordered with Suffix X302.
506CH
52KEY-506CH
Keyed Selector Switch ordered with Suffix X301.
547CH
52KEY-547CH
Keyed Selector Switch ordered with Suffix X300.
548CH
52KEY-548CH
Keyed Selector Switch ordered with Suffix X299.
549CH
52KEY-549CH
Keyed Selector Switch ordered with Suffix X298.
550CH
52KEY-550CH
Grounding kit
All devices
52AL109145
Touchsafe contact blocks with gold flashing
1 NO
52BAK
1 NC
52BAJ
1 NO - 1 NC
52BJK
1 NO early make
closes before 52BAK
52BAH
1 NC late break
opens after 52 BAJ
52BAE
1 NO - 1 NC
Reed switch; UL listed for class 1 division 2;
.25A Max, 200V AC, 10 Watt max
.5A Max, 200V DC, 10 Watt max
52BAR
1 NC extra late break
52BAU
These can also be used with the 1 5/8” push-pull devices.
For push-pull units starting with part numbers 52PA, 52PE or 52PX, replace-
ment locknuts can be ordered using 52AANL (Chrome) and 52AXNL
(BlackMax).
Hermetically Sealed
Positive opening according to IEC 60947-5-1, Appendix K.
52 BAJ
52 BAK
52 BAR
Technical Specifications
on page 10/169A
• Revised •
03/20/2012



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com