công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16CP554AIPM bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL16CP554AIPM
Giải thích chi tiết về linh kiện  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16CP554AIPM bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TL16CP554AIPM Datasheet HTML 17Page - Texas Instruments TL16CP554AIPM Datasheet HTML 18Page - Texas Instruments TL16CP554AIPM Datasheet HTML 19Page - Texas Instruments TL16CP554AIPM Datasheet HTML 20Page - Texas Instruments TL16CP554AIPM Datasheet HTML 21Page - Texas Instruments TL16CP554AIPM Datasheet HTML 22Page - Texas Instruments TL16CP554AIPM Datasheet HTML 23Page - Texas Instruments TL16CP554AIPM Datasheet HTML 24Page - Texas Instruments TL16CP554AIPM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
FIFO-control register (FCR)
The FCR is a write-only register at the same location as the IIR. It enables the FIFOs, sets the trigger level of
the receiver FIFO, and selects the type of DMA signalling.
D Bit 0: FCR0 enables the transmit and receive FIFOs. All bytes in both FIFOs can be cleared by clearing
FCR0. Data is cleared automatically from the FIFOs when changing from the FIFO mode to the TL16C450
mode (see FCR bit 0) and vice versa. Programming of other FCR bits is enabled by setting FCR0.
D Bit 1: When set, FCR1 clears all bytes in the receiver FIFO and resets its counter. This does not clear the
shift register.
D Bit 2: When set, FCR2 clears all bytes in the transmit FIFO and resets the counter. This does not clear the
shift register.
D Bit 3: When set, FCR3 changes RXRDY and TXRDY from mode 0 to mode 1 if FCR0 is set.
D Bits 4 and 5: FCR4 and FCR5 are reserved for future use.
D Bits 6 and 7: FCR6 and FCR7 set the trigger level for the receiver FIFO interrupt and the auto-RTS flow
control (see Table 4).
Table 4. Receiver FIFO Trigger Level
BIT
RECEIVER FIFO
7
6
RECEIVER FIFO
TRIGGER LEVEL (BYTES)
0
0
01
0
1
04
1
0
08
1
1
14
FIFO interrupt mode operation
The following receiver status occurs when the receiver FIFO and the receiver interrupts are enabled:
1.
LSR0 is set when a character is transferred from the shift register to the receiver FIFO. When the FIFO is
empty, it is reset.
2.
IIR = 06 receiver line status interrupt has higher priority than the receive data available interrupt
IIR = 04.
3.
Receive data available interrupt is issued to the CPU when the programmed trigger level is reached by the
FIFO. As soon as the FIFO drops below its programmed trigger level, it is cleared.
4.
IIR = 04 (receive data available indicator) also occurs when the FIFO reaches its trigger level. It is cleared
when the FIFO drops below the programmed trigger level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com