| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMC555CMM/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMC555CMM/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 21 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-May-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LMC555CM ACTIVE SOIC D 8 95 TBD Call TI Call TI -40 to 85 LMC 555CM LMC555CM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMC 555CM LMC555CMM ACTIVE VSSOP DGK 8 1000 TBD Call TI Call TI -40 to 85 ZC5 LMC555CMM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 ZC5 LMC555CMMX ACTIVE VSSOP DGK 8 3500 TBD Call TI Call TI -40 to 85 ZC5 LMC555CMMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 ZC5 LMC555CMX ACTIVE SOIC D 8 2500 TBD Call TI Call TI -40 to 85 LMC 555CM LMC555CMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMC 555CM LMC555CN ACTIVE PDIP P 8 40 TBD Call TI Call TI -40 to 85 LMC 555CN LMC555CN/NOPB ACTIVE PDIP P 8 40 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -40 to 85 LMC 555CN LMC555CTP/NOPB ACTIVE DSBGA YPB 8 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 85 F 02 LMC555CTPX/NOPB ACTIVE DSBGA YPB 8 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 85 F 02 LMC555IM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMC 555IM LMC555IMX/NOPB ACTIVE SOIC D 8 2500 TBD Call TI Call TI -40 to 85 LMC 555IM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |