| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM5010ASD bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM5010ASD bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LM5010AMH/NOPB ACTIVE HTSSOP PWP 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMHE/NOPB ACTIVE HTSSOP PWP 14 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMHX ACTIVE HTSSOP PWP 14 2500 TBD Call TI Call TI -40 to 150 L5010 AMH LM5010AMHX/NOPB ACTIVE HTSSOP PWP 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AQ0MH/NOPB ACTIVE HTSSOP PWP 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 150 L5010A Q0MH LM5010AQ0MHX/NOPB ACTIVE HTSSOP PWP 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 150 L5010A Q0MH LM5010AQ1MH/NOPB ACTIVE HTSSOP PWP 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L5010A Q1MH LM5010AQ1MHX/NOPB ACTIVE HTSSOP PWP 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L5010A Q1MH LM5010ASD ACTIVE WSON DPR 10 1000 TBD Call TI Call TI -40 to 150 L00065B LM5010ASD/NOPB ACTIVE WSON DPR 10 1000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 150 L00065B LM5010ASDX ACTIVE WSON DPR 10 4500 TBD Call TI Call TI -40 to 150 L00065B LM5010ASDX/NOPB ACTIVE WSON DPR 10 4500 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 150 L00065B (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |