công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7705MME/NOPB bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7705MME/NOPB
Giải thích chi tiết về linh kiện  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM7705MME/NOPB bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button LM7705MME/NOPB Datasheet HTML 12Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 13Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 14Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 15Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 16Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 17Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 18Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 19Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TIME (SAMPLES)
0.050
0.040
0.030
0.020
0.010
0.000
0
80
160
240
320
400
VDSAT
TIME (SAMPLES)
0.050
0.040
0.030
0.020
0.010
0.000
0
80
160
240
320
400
LM7705
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
A
B
Figure 33. Digitized Output Voltage without (A) and with (B) LM7705
Figure 33A shows the digitized output voltage of the op amp when its negative supply pin is connected to ground
level. The output of the amplifier saturates at a level of 14 mv (this is in line with the typical value of 18 mV given
in the datasheet) The graph shows some fluctuations (1 bit quantization error). Figure 33B show the digitized
output voltage of the op amp when its negative supply pin is connected to the output of the LM7705. Again, the
graph shows some 1 bit quantization errors caused by the voltage ripple and output noise. In this case the op
amps output level can reach the true zero output level.
The graphs in Figure 33 show that:
•
With a single supply, the output of the amplifier is limited by the VDSAT of the output stage.
•
The amplifier can be used as a true zero output using a LM7705.
•
The quantization error of the digitized output voltage is caused by the noise and the voltage ripple.
•
Using the LM7705 does not increase the quantization error in this set up.
DESIGN RECOMMENDATIONS
The LM7705 is a switched capacitor voltage inverter. This means that charge is transferred from different
external capacitors, to generate a negative voltage. For this reason the part is very sensitive for contact
resistance between the package and external capacitors. It’s also recommended to use low ESR capacitors for
CFLY, CRES and COUT in combination with short traces.
To prevent large variations at the VDD pin of the package it is recommended to add a decouple capacitor as
close to the pin as possible.
The output voltage noise can be suppressed using a small RF capacitor, will a value of e.g. 100 nF.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com