công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2941CSX/NOPB bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2941CSX/NOPB
Giải thích chi tiết về linh kiện  LM2941/LM2941C 1A Low Dropout Adjustable Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CSX/NOPB bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM2941CSX/NOPB Datasheet HTML 6Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 7Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 8Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 9Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 10Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 11Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 12Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 13Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
0
20
40
60
80
100
0
1
2
3
4
5
6
AMBIENT TEMPERATURE (°C)
LM2941S (TO-263)
JA= 35°C/W
JA= 30°C/W
JA= 26°C/W
JA= 24°C/W
LM2941, LM2941C
SNVS770G – JUNE 1999 – REVISED APRIL 2013
www.ti.com
For the LM2941S in the KTT TO-263 package, the junction-to-case thermal rating,
θJC, is 1°C/W, where the
CASE is defined as the bottom of the package at the center of the TAB area. The junction-to-ambient thermal
performance for the LM2941S in the TO-263 package, using the JEDEC JESD51 standards is summarized in the
following table:
Board
Thermal
θJC
θJA
Type
Vias
JEDEC
2-Layer
None
1°C/W
73°C/W
JESD 51-3
1
1°C/W
35°C/W
JEDEC
2
1°C/W
30°C/W
4-Layer
4
1°C/W
26°C/W
JESD 51-7
8
1°C/W
24°C/W
Figure 21. PD(MAX) vs TA for LM2941S (TO-263)
WSON Mounting
The NGN (Pullback) 8-Lead WSON package requires specific mounting techniques which are detailed in
Application Note 1187 (literature number SNOA401). Referring to the section PCB Design Recommendations
in AN-1187 (Page 5), it should be noted that the pad style which should be used with the WSON package is the
NSMD (non-solder mask defined) type.
The thermal dissipation of the WSON package is directly related to the printed circuit board construction and the
amount of additional copper area connected to the DAP.
The DAP (exposed pad) on the bottom of the WSON package is connected to the die substrate via a conductive
die attach adhesive, and to device pin 2 and pin 7. As such, it is strongly recommend that the DAP area be
connected copper area directly under the DAP that is extended into the ground plane via multiple thermal vias.
Alternately, but not recommended, the DAP area may be left floating (i.e. no direct electrical connection). The
DAP area must not be connected to any potential other than ground.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26