| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC0834CCWM bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0834CCWM bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 40 page ![]() ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N SNAS531B – AUGUST 1999 – REVISED MARCH 2013 www.ti.com Connection Diagrams Figure 4. ADC0831-N Single Differential Input PDIP Package (P) Top View Figure 1. ADC0838-N 8-Channel Mux SOIC/PDIP Package (DW or NFH) Top View COM internally connected to GND. VREF internally connected to VCC. Top View Figure 5. ADC0832-N 2-Channel MUX PDIP Package (P) Top View Figure 2. ADC0832-N 2-Channel MUX SOIC Package (NPA) Top View Figure 6. ADC0831-N Single Differential Input SOIC Package (NPA) Top View COM internally connected to A GND Top View Figure 3. ADC0834-N 4-Channel MUX SOIC/PDIP (NPA or NFF) Top View Figure 7. ADC0838-N 8-Channel MUX PLCC Package (FN) These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: ADC0831-N ADC0832-N ADC0834-N ADC0838-N |