| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8018010FSC bảng dữ liệu(PDF) 49 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8018010FSC bảng dữ liệu(HTML) 49 Page - Zilog, Inc. |
|
49 / 85 page ![]() Z80180 Microprocessor Unit 43 PS014004-1106 Architecture ASCI Channel Control Register B Figure 33. ASCI Channel Control Register B MPBT: Multiprocessor Bit Transmit (bit 7)— When multiprocessor communication format is selected (MP bit = 1), MPBT is used to specify the MPB data bit for transmission. If MPBT = 1 , then MPB = 1 is transmitted. If MPBT = 0, then MPB = 0 is transmitted. MPBT state is undefined during and after RESET. MP: Multiprocessor Mode (bit 6)— When MP is set to 1, the data format is configured for multiprocessor mode based on the MOD2 (number of data bits) and MOD0 (number of stop bits) bits in CNTLA. The format is as follows. Start bit + 7 or 8 data bits + MPB bit + 1 or 2 stop bits Multiprocessor (MP=1) format does not feature any provision for parity. If MP = 0, the data format is based on MOD0, MOD1, MOD2, and may include parity. The MP bit is cleared to 0 during RESET. CTS/PS: Clear to Send/Prescale (bit 5)—If bit 5 of the System Configuration Register is 0, the CTS0/RxS pin features the CTS0 function, and the state of the pin can be read in bit 5 Table 11. Data Formats MOD2 MOD1 MOD0 Data Format 0 0 0 Start + 7 bit data + 1 stop 0 0 1 Start + 7 bit data + 2 stop 0 1 0 Start + 7 bit data + parity + 1 stop 0 1 1 Start + 7 bit data + parity + 2 stop 1 0 0 Start + 8 bit data + 1 stop 1 0 1 Start + 8 bit data + 2 stop 1 1 0 Start + 8 bit data + parity + 1 stop 1 1 1 Start + 8 bit data + parity + 2 stop ASCI Channel Control Register B Bit MPBT MP R/W R/W R/W CTS/ 76 5 4 3 21 0 PEO DR SS2 SS1 SS0 R/W R/W ASCI Control Register B 1 (CNTLB1: I/O Address = 03h) R/W R/W R/W ASCI Control Register B 0 (CNTLB0: I/O Address = 02h) PS |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |