công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6549T bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP6549T
Giải thích chi tiết về linh kiện  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549T bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP6549T Datasheet HTML 2Page - Microchip Technology MCP6549T Datasheet HTML 3Page - Microchip Technology MCP6549T Datasheet HTML 4Page - Microchip Technology MCP6549T Datasheet HTML 5Page - Microchip Technology MCP6549T Datasheet HTML 6Page - Microchip Technology MCP6549T Datasheet HTML 7Page - Microchip Technology MCP6549T Datasheet HTML 8Page - Microchip Technology MCP6549T Datasheet HTML 9Page - Microchip Technology MCP6549T Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MCP6546/6R/6U/7/8/9
DS21714G-page 6
© 2002-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RPU = 2.74 kΩ to VPU =VDD, and CL = 36 pF.
FIGURE 2-1:
Input Offset Voltage at
VCM =VSS.
FIGURE 2-2:
Input Offset Voltage Drift at
VCM =VSS.
FIGURE 2-3:
The MCP6546/6R/6U/7/8/9
Comparators Show No Phase Reversal.
FIGURE 2-4:
Input Hysteresis Voltage at
VCM =VSS.
FIGURE 2-5:
Input Hysteresis Voltage
Linear Temp. Co. (TC1) at VCM =VSS.
FIGURE 2-6:
Input Hysteresis Voltage
Quadratic Temp. Co. (TC2) at VCM =VSS.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
-7 -6 -5 -4 -3 -2 -1 01
234567
Input Offset Voltage (mV)
1200 Samples
V
CM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage Drift (µV/°C)
1200 Samples
V
CM = VSS
T
A = -40°C to +125°C
-1
0
1
2
3
4
5
6
7
0123
45678
9
10
Time (1 ms/div)
V
OUT
VIN–
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
1.62.0 2.42.8 3.23.6 4.04.4 4.85.2 5.6 6.0
Input Hysteresis Voltage (mV)
1200 Samples
V
CM = VSS
0%
5%
10%
15%
20%
25%
Input Hysteresis Voltage –
Linear Temp. Co.; TC1 (µV/°C)
596 Samples
VCM = VSS
T
A = -40°C to +125°C
VDD = 1.6V
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Hysteresis Voltage –
Quadratic Temp. Co.; TC
2 (µV/°C
2)
596 Samples
VCM = VSS
T
A = -40°C to +125°C
V
DD = 5.5V
VDD = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com