| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6546RT bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546RT bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 44 page ![]() © 2002-2012 Microchip Technology Inc. DS21714G-page 19 MCP6546/6R/6U/7/8/9 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 5-Lead SC-70 (MCP6546, MCP6546U) Example: (I-temp) Device I-Temp Code E-Temp Code MCP6546 ACNN Note 2 MCP6546U BBNN Note 2 Note 1: I-Temp parts prior to March 2005 are marked “ACN” 2: SC-70-5 E-Temp parts not available at this release of the data sheet. Example: (I-temp) OR AC25 AC25 (Front) 148 (Back) 5-Lead SOT-23 (MCP6546, MCP6546R, MCP6546U) Example: (I-temp) Device I-Temp Code E-Temp Code MCP6546 ACNN GWNN MCP6546R AHNN GXNN MCP6546U — AWNN Note: Applies to 5-Lead SOT-23 AC25 AC25 8-Lead PDIP (300 mil) (MCP6546, MCP6547, MCP6548, MCP6549) Examples: OR MCP6546 I/P^^256 1148 3 e MCP6546 I/P256 1148 8-Lead SOIC (150 mil) (MCP6546, MCP6547, MCP6548, MCP6549) OR MCP6547 MCP6547 I/SN1148 256 256 SN^^1148 3 e Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |