công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3911A0-E/SS bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện MCP3911A0-E/SS
Giải thích chi tiết về linh kiện  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911A0-E/SS bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button MCP3911A0-E/SS Datasheet HTML 35Page - Microchip Technology MCP3911A0-E/SS Datasheet HTML 36Page - Microchip Technology MCP3911A0-E/SS Datasheet HTML 37Page - Microchip Technology MCP3911A0-E/SS Datasheet HTML 38Page - Microchip Technology MCP3911A0-E/SS Datasheet HTML 39Page - Microchip Technology MCP3911A0-E/SS Datasheet HTML 40Page - Microchip Technology MCP3911A0-E/SS Datasheet HTML 41Page - Microchip Technology MCP3911A0-E/SS Datasheet HTML 42Page - Microchip Technology MCP3911A0-E/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 39
MCP3911
5.7.3
TEMPERATURE COMPENSATION
(VREFCAL REGISTER)
The internal voltage reference comprises a proprietary cir-
cuit and algorithm to compensate first order and second
order temperature coefficients. The compensation allows
very low temperature coefficients (typically 7 ppm/°C) on
the entire range of temperatures from -40°C to 125°C.
This temperature coefficient varies from part to part.
This temperature coefficient can be adjusted on each
part through the VREFCAL register (address 0x1A).
This register is only for advanced users. This register
should not be written unless the user wants to calibrate
the temperature coefficient of the whole system or
application. The default value of this register is set to
0x42. The typical variation of the temperature coeffi-
cient of the internal voltage reference, with respect to
VREFCAL register code, is given by Figure 5-6. Modi-
fying the value stored in the VREFCAL register may
also vary the output voltage, in addition to the
temperature coefficient.
FIGURE 5-6:
VREF Tempco vs. VREFCAL
Trimcode Chart.
5.8
Power-on Reset
The MCP3911 contains an internal POR circuit that
monitors both analog and digital supply voltages during
operation. The typical threshold for a power-up event
detection is 2.1 V ±5% and a typical start-up time (tPOR)
of 50 µs. The POR circuit has a built-in hysteresis for
improved transient spikes immunity that has a typical
value of 200 mV. Proper decoupling capacitors (0.1 µF
ceramic and 10 µF tantalum) should be mounted as
close as possible to the AVDD and DVDD pins, providing
additional transient immunity.
Figure 5-7
illustrates
the
different
conditions
at
power-up
and
a
power-down
event
in
typical
conditions. All internal DC biases are not settled until at
least 1 ms, in worst case conditions, after system POR.
Any data ready pulse that occurs within 1 ms, plus the
sinc filter settling time after system reset, should be
ignored to guarantee proper accuracy. After POR, data
ready pulses are present at the pin with all the default
conditions in the configuration registers.
Both AVDD and DVDD are monitored so either power
supply can sequence first.
FIGURE 5-7:
Power-on Reset Operation.
0
10
20
30
40
50
60
0
64
128
192
256
VREFCAL Register Trim Code (decimal)
POR
State
Power-Up
Normal Operation
POR
State
Biases are
unsettled.
Conversions
started here may
not be accurate.
Biases are settled.
Conversions started
here are accurate.
Analog biases
settling time
SINC filter
settling
time
Any data read pulse occuring during this
time can yield inaccurate output data. It is
recommended to discard them.
Voltage
(AVDD, DVDD)
Time
POR Threshold
up (2.1V typ.)
(1.9V typ.)
tPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72