| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT85F2280 bảng dữ liệu(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT85F2280 bảng dữ liệu(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 226 page ![]() Rev. 1.00 �1 of ��6 �a� 1�� �01� Standard 8051 8-Bit Flash MCU HT85F2260/HT85F2270/HT85F2280 Pin Name Function OPT I/T O/T Description P1.�/INT6/CC� P1.� P1�0 P1�1 ST C�OS General purpose I/O. Register selected I/O mode INT6 — ST — External Interrupt 6 Input CC� — ST C�OS Compare/Capture input/output for PCA module � P1.4/INT� P1.4 P1�0 P1�1 ST C�OS General purpose I/O. Register selected I/O mode INT� — ST — External Interrupt � Input P1.�/T�EX P1.� P1�0 P1�1 ST C�OS General purpose I/O. Register selected I/O mode T�EX — ST — Timer � capture trigger P1.6/T� P1.6 P1�0 P1�1 ST C�OS General purpose I/O. Register selected I/O mode T� — ST C�OS Timer � external input or Timer � programmable clock output P1.7 P1.7 P1�0 P1�1 ST C�OS General purpose I/O. Register selected I/O mode P�.0~P�.6 P�.0~P�.6 P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode P�.7/T� P�.7 P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode T� — ST — Timer � External Input P�.0/RXD0 P�.0 P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode RXD0 — ST — UART0 Receive Data Input P�.1/TXD0 P�.1 P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode TXD0 — — C�OS UART0 Transmit Data Output P�.�/INT0 P�.� P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode INT0 — ST — External Interrupt 0 Input P�.�/INT1 P�.� P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode INT1 — ST — External Interrupt 1 Input P�.4/T0 P�.4 P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode T0 — ST — Timer 0 External Input P�.�/T1 P�.� P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode T1 — ST — Timer 1 External Input P�.6/RXD1 P�.6 P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode RXD1 — ST — UART1 Receive Data Input P�.7/TXD1 P�.7 P��0 P��1 ST C�OS General purpose I/O. Register selected I/O mode TXD1 — — C�OS UART1 Transmit Data Output P4.0/AIN.0 P4.0 P4�0 P4�1 ST C�OS General purpose I/O. Register selected I/O mode AIN.0 — AN — ADC Input Channel 0 P4.1/AIN.1 P4.1 P4�0 P4�1 ST C�OS General purpose I/O. Register selected I/O mode AIN.1 — AN — ADC Input Channel 1 P4.�/AIN.� P4.� P4�0 P4�1 ST C�OS General purpose I/O. Register selected I/O mode AIN.� — AN — ADC Input Channel � |