| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT66F25D bảng dữ liệu(PDF) 85 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F25D bảng dữ liệu(HTML) 85 Page - Holtek Semiconductor Inc |
|
85 / 175 page ![]() A/D Flash Type 8-bit MCU with EEPROM HT66F24D/HT66F25D Rev. 1.10 84 �a��� ��� �01� Rev. 1.10 8� �a��� ��� �01� Standard Type TM – STM TheStandardTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/ EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheStandardTMcan alsobecontrolledwithanexternalinputpinandcandriveoneortwoexternaloutputpins. STM Name TM No. TM Input Pin TM Output Pin HT66F�4D 10-bit ST� 1 TCK1 TP1_0� TP1_1� TP1_� HT66F��D — — — — Standard TM Operation Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock source.Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparator P.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.The CCRPisthreebitswidewhosevalueiscomparedwiththehighestthreebitsinthecounterwhilethe CCRAisthetenbitsandthereforecompareswithallcounterbits. Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto clearthecounterbychangingtheTnONbitfromlowtohigh.Thecounterwillalsobecleared automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators. Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheStandard TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare selectedusingrelevantinternalregisters. CCRP CCRA Tn CC LR Co mp ar at or P M at ch Co mp ar at or A Ma tc h Tn CK 2~ Tn CK 0 Tn ON Tn PAU b7 ~b 9 3- bi t Co m par at or P 10 -b it C om par at or A Co unt er C le ar 10 -b it C ount -u p Co unt er Tn PF I nt e rru pt Tn AF I nt e rru pt TP n Pi n I npu t/ Ou tp u t b0 ~b 9 E dge De te ct or Tn IO 1, T nI O0 Tn M1 , Tn M0 Tn IO 1, T nI O0 Tn PO L Tn OC Po la ri ty Co nt ro l Ou tp u t Co nt ro l TP n_0 TP n_2 TC Kn 11 1 00 0 00 1 01 0 01 1 10 0 10 1 11 0 f SYS /4 f SYS f H /1 6 f H /6 4 f SU B Un der fi ned 0 1 TP n_1 Standard Type TM Block Diagram |