công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR1010T-I/SS bảng dữ liệu(PDF) 20 Page - Microchip Technology

tên linh kiện AR1010T-I/SS
Giải thích chi tiết về linh kiện  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010T-I/SS bảng dữ liệu(HTML) 20 Page - Microchip Technology

Back Button AR1010T-I/SS Datasheet HTML 16Page - Microchip Technology AR1010T-I/SS Datasheet HTML 17Page - Microchip Technology AR1010T-I/SS Datasheet HTML 18Page - Microchip Technology AR1010T-I/SS Datasheet HTML 19Page - Microchip Technology AR1010T-I/SS Datasheet HTML 20Page - Microchip Technology AR1010T-I/SS Datasheet HTML 21Page - Microchip Technology AR1010T-I/SS Datasheet HTML 22Page - Microchip Technology AR1010T-I/SS Datasheet HTML 23Page - Microchip Technology AR1010T-I/SS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS41393B-page 20
Preliminary
 2009-2012 Microchip Technology Inc.
4.8
Touch Report Protocol
Touch coordinates, when available, are provided to the
master by the AR1021 in the following protocol (See
Figure 4-3).
FIGURE 4-3:
I2C TOUCH REPORT PROTOCOL
Note that the IRQ signal shown above occurs on the
SDO pin of the AR1021.
4.9
Command Protocol
The master issues supported commands to the
AR1021 in the following protocol.
Below is an example of the ENABLE_TOUCH command
(see Figure 4-4).
FIGURE 4-4:
I2C COMMAND PROTOCOL
Note that the IRQ shown above occurs on the SDO pin.
• 0x9A
AR1021 Device ID address
• 0x00
Protocol command byte (send 0x00 for
the protocol command register)
• 0x55
Header
• 0x01
Data size
• 0x12
Command
4.10
Sleep State
Pending communications are not maintained through a
sleep/wake cycle.
If the SDO pin is asserted for a pending touch report or
command response, and the AR1021 enters a Sleep
state, prior to the master performing a read on the data,
then the data is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com