| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1010-I/ML bảng dữ liệu(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1010-I/ML bảng dữ liệu(HTML) 38 Page - Microchip Technology |
|
38 / 70 page ![]() AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER DS41393B-page 38 Preliminary 2009-2012 Microchip Technology Inc. 9.3.4 CALIBRATE – 0x14 Enter Calibration mode. This instructs the controller to enter a mode of accepting the next four touches as the calibration point coordinates. See Section 10.1 “Cali- bration of Touch Sensor with Controller” for an example. Completion of Calibration mode will automatically store the calibration point coordinates in on-board controller memory and set (to 1) the CCE bit of the TouchOptions register. This bit enables the controller to report touch coordinates that have been processed with the previously collected calibration data. To provide for proper touch orientation, the four sequential calibration touches must be input in the physical order on the touch sensor, as shown in Figure 9-1. FIGURE 9-1: CALIBRATION ROUTINE SEQUENCE Upon completion, the controller’s register values and calibration data are stored to the EEPROM. The Calibration mode will be cancelled by sending any command before the mode has been completed. If the calibration is canceled, the controller response may appear incorrect or incomplete. This is expected behavior. Touch Sensor #1 #2 #4 #3 Upper Left Upper Right Lower Right Lower Left |