| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CK45-R3FD331K-VRA bảng dữ liệu(PDF) 4 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
CK45-R3FD331K-VRA bảng dữ liệu(HTML) 4 Page - TDK Electronics |
|
4 / 4 page ![]() (3/3) 003-02 / 20110711 / e4937_rr.fm • All specifications are subject to change without notice. TAPING DIMEMSIONS VERTICAL KINK LEAD TYPE Item Symbol Dimensions(mm) Remarks V1 V2 V3 Body diameter D Depends on the specification of each product. Body thickness T Depends on the specification of each product. Lead-wire diameter ød 0.6±0.05 0.6±0.05 0.6±0.05 Pitch of component P 12.7±1.0 15.0±1.0 30.0±1.0 Including the slant of body Feed hole pitch P0 12.7±0.3 15.0±0.3 15.0±0.3 Excepting the tape splicing part Feed hole center to lead P1 3.85±0.7 3.75±0.7 3.75±0.7 Feed hole center to component center P2 6.35±1.3 7.5±1.3 7.5±1.3 Lead-to lead distance F 5+0.8, –0.2 7.5±0.8 7.5±0.8 Measuring point is bottom kink Component alignment ∆h 0±2.0 0±2.0 0±2.0 Including the slanting body due to bending lead-wire Tape width W 18.0+1.0, –0.5 18.0+1.0, –0.5 18.0+1.0, –0.5 Adhesive tape width W0 11.5min. 11.5min. 11.5min. Hole position W1 9.0±0.5 9.0±0.5 9.0±0.5 Adhesive tape position W2 3.0max. 3.0max. 3.0max. Adhesive tape do not stick out the tape Bottom of kink from tape center H0 16.0+1.5, –0.5 16.0+1.5, –0.5 16.0+1.5, –0.5 Height of body from tape center H1 46.0max. 46.0max. 46.0max. Lead-wire protrusion 1.0max. 1.0max. 1.0max. Feed hole diameter D0 4.0±0.2 4.0±0.2 4.0±0.2 Total tape thickness t 0.6±0.3 0.6±0.3 0.6±0.3 Do not including adhesive tape Length of snipped lead L 11.0max. 11.0max. 11.0max. Coating on lead C 4.0max. 4.0max. 4.0max. Height of kink A 4.0max. 4.0max. 4.0max. Measuring point is bottom kink Spring action S 2.0max. 2.0max. 2.0max. P P2 D P0 D0 ød T ∆h ∆h S F P1 V1, V2 P P2 D P0 ød T ∆h ∆h S F P1 D0 V3 • For more information about products with other capacitance or other data, please contact us. |