| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
93C86C bảng dữ liệu(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C86C bảng dữ liệu(HTML) 31 Page - Microchip Technology |
|
31 / 38 page ![]() 2003-2012 Microchip Technology Inc. DS21797L-page 31 93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C APPENDIX A: REVISION HISTORY Revision A (5/2003) Initial Release. Revision B (7/2003) Revised DC Char. Param. D8; Revised Figures 2.1, 2.2, 2.6, 2.7; Revised Section 3.6; Revised Product ID System. Revision C (12/2003) Corrections to Section 1.0, Electrical Characteristics. Section 4.1, 6-Lead SOT-23 package to OT. Revision D (2/2004) Corrections to Device Selection Table, Table 1-1, Table 1-2, Section 2.4, Section 2.5, Section 2.8 and Section 2.9. Added note to Figure 2-7. Revision E (3/2005) Added DFN package. Revision F (4/2005) Added notes throughout. Revision G (1/2006) Revised note in Sections 2.8 and 2.9. Replaced DFN package drawing. Revision H (10/2007) Added SN package to Device Selection Table; Revised Pin Function Table; Revised Package Types; Revised Table 3-1; Replaced Package Drawings; Revised Product ID System. Revision J (5/2008) Revised Figures 2-1, 2-2, 2-6 and 2-7; Revised Package Marking Information; Replaced Package Drawings. Revision K (1/2012) Added TDFN package; Revised Product ID System. Revision L (04/2012) Revised Device Selection Table; Added Note 1 to Package Types Diagram; Revised Marking Code table; Revised Product ID System. |