công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

93LC76B bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện 93LC76B
Giải thích chi tiết về linh kiện  8K Microwire Compatible Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76B bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button 93LC76B Datasheet HTML 26Page - Microchip Technology 93LC76B Datasheet HTML 27Page - Microchip Technology 93LC76B Datasheet HTML 28Page - Microchip Technology 93LC76B Datasheet HTML 29Page - Microchip Technology 93LC76B Datasheet HTML 30Page - Microchip Technology 93LC76B Datasheet HTML 31Page - Microchip Technology 93LC76B Datasheet HTML 32Page - Microchip Technology 93LC76B Datasheet HTML 33Page - Microchip Technology 93LC76B Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
DS21796M-page 30
 2003-2012 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision A (05/2003)
Initial Release.
Revision B (07/2003)
Revision C (12/2003)
Corrections to Section 1.0, Electrical Characteristics.
Section 4.1, 6-Lead SOT-23 package to OT.
Revision D (02/2004)
Corrections to Device Selection Table, Table 1-1, Table
1-2, Section 2.4, Section 2.5, Section 2.8 and Section
2.9. Added note to Figure 2-7.
Revision E (03/2005)
Added DFN package.
Revision F (04/2005)
Added notes throughout.
Revision G (09/2006)
Revised note in Sections 2.8 and 2.9. Replaced DFN
package drawing.
Revision H (11/2006)
Updated Package Drawings.
Revision J (10/2007)
Revised Device Selection Table; Revised Pin Function
Table; Revised Package Types; Revised Table 3-1;
Replaced Package Drawings; Revised Product ID
System.
Revision K (5/2008)
Revised Figures 2-1, 2-2, 2-6 and 2-7; Revised
Package Marking Information; Replaced Package
Drawings.
Revision L (01/2012)
Added TDFN package.
Revision M (04/2012)
Revised Device Selection Table; Added Note to Pack-
age Types Diagram; Revised Marking Codes Table;
Revised Product ID System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36