| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MLF1608DR10KT bảng dữ liệu(PDF) 1 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
MLF1608DR10KT bảng dữ liệu(HTML) 1 Page - TDK Electronics |
|
1 / 10 page ![]() • All specifications are subject to change without notice. • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. Inductors for Standard Circuits Multilayer/STD • magnetic shielded MLF series Type: Issue date: MLF1005L 1005[0402 inch]* MLF1608 1608[0603 inch] MLF2012 2012[0805 inch] * Dimensions Code JIS[EIA] November 2011 |
Số phần tương tự - MLF1608DR10KT |
|
Mô tả tương tự - MLF1608DR10KT |