| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC41344P bảng dữ liệu(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC41344P bảng dữ liệu(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 20 page ![]() MC145026 •MC145027•MC145028•SC41343•SC41344 MOTOROLA 14 MC145027 AND MC145028 TIMING To verify the MC145027 or MC145028 timing, check the waveforms on C1 (Pin 7) and R2/C2 (Pin 10) as compared to the incoming data waveform on Din (Pin 9). The R–C decay seen on C1 discharges down to 1/3 VDD before being reset to VDD. This point of reset (labelled “DOS” in Figure 15) is the point in time where the decision is made whether the data seen on Din is a 1 or 0. DOS should not be too close to the Din data edges or intermittent operation may occur. The other timing to be checked on the MC145027 and MC145028 is on R2/C2 (see Figure 16). The R–C decay is continually reset to VDD as data is being transmitted. Only between words and after the end–of–transmission (EOT) does R2/C2 decay significantly from VDD. R2/C2 can be used to identify the internal end–of–word (EOW) timing edge which is generated when R2/C2 decays to 2/3 VDD. The internal EOT timing edge occurs when R2/C2 decays to 1/3 VDD. When the waveform is being observed, the R–C decay should go down between the 2/3 and 1/3 VDD levels, but not too close to either level before data transmission on Din re- sumes. Verification of the timing described above should ensure a good match between the MC145026 transmitter and the MC145027 and MC145028 receivers. VDD 0 V Din VDD 2/3 1/3 0 V C1 DOS DOS Figure 15. R–C Decay on Pin 7 (C1) VDD 2/3 1/3 0 V R2/C2 EOT Figure 16. R–C Decay on Pin 10 (R2/C2) EOW |