| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
N9260 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
N9260 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() August 2011 Doc ID 18326 Rev 2 1/10 10 STN9260 High voltage fast-switching PNP power transistor Features ■ High voltage capability ■ Fast switching speed Applications ■ Lighting ■ Switch mode power supply Description This device is a high voltage fast-switching PNP power transistor. It is manufactured using high voltage multi epitaxial planar technology for high switching speeds and medium voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining a wide RBSOA. The device is designed for use in lighting applications and low cost switch-mode power supplies. I Figure 1. Internal schematic diagram SOT-223 1 2 4 3 Table 1. Device summary Part number Marking Package Packaging STN9260 N9260 SOT-223 Tape and reel www.st.com |
Số phần tương tự - N9260 |
|
Mô tả tương tự - N9260 |