| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA339BWS13TR bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA339BWS13TR bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 76 page ![]() STA339BWS Processing data paths Doc ID 15276 Rev 5 17/76 4 Processing data paths Figure 6 and Figure 7 below show the data processing paths inside STA339BWS. The whole processing chain is composed of two consecutive sections. In the first one, dual-channel processing is implemented and in the second section each channel is fed into the post-mixing block either to generate a third channel (typically used in 2.1 output configuration and with crossover filters enabled) or to have the channels processed by the dual-band DRC block (2.0 output configuration with crossover filters used to define the cut-off frequency of the two bands). The first section, Figure 6, begins with a 2x oversampling FIR filter providing 2 * fS audio processing. Then a selectable high-pass filter removes the DC level (enabled if HPB = 0). The left and right channel processing paths can include up to 8 filters, depending on the selected configuration (bits BQL, BQ5, BQ6, BQ7 and XO[3:0]). By default, four user programmable, independent filters per channel are enabled, plus the preconfigured de-emphasis, bass and treble controls (BQL = 0, BQ5 = 0, BQ6 = 0, BQ7 = 0). If the coefficient sets for the two channels are linked (BQL = 1) it is possible to use the de-emphasis, bass and treble filters in a user defined configuration (provided the relevant BQx bits are set). In this case both channels use the same processing coefficients and can have up to seven filters each. If BQL = 0 the BQx bits are ignored and the fifth, sixth and seventh filters are configured as de-emphasis, bass and treble controls, respectively. Figure 6. Left and right processing, section 1 Moreover, the common 8th filter can be available on both channels provided the predefined crossover frequencies are not used, XO[3:0] = 0, and the dual-band DRC is not used. In the second section, Figure 7, mixing and crossover filters are available. If B2DRC is not enabled they are fully user-programmable and allow the generation of a third channel (2.1 outputs). Alternatively, in mode B2DRC, these blocks are used to split the sub-band and define the cut-off frequencies of the two bands. A prescaler and a final postscaler allow full control over the signal dynamics before and after the filtering stages. A mixer function is also available. From I2S input interface PreScale Biquad #1 Biquad #2 Biquad #3 Biquad #4 If HPB=0 User Defined Filters If DSPB=0 and C1EQBP=0 x2 FIR over L Sampling frequency=Fs Sampling frequency=2xFs From I2S input interface PreScale Hi-Pass Filter Hi-Pass Filter Biquad #1 Biquad #2 Biquad #3 Biquad #4 De-Emph. If DEMP=0 x2 FIR over sampling L Sampling frequency=Fs Sampling frequency=2xFs Bass Treble If C1TCB=0 BTC: Bass Boost/Cut TTC: Treble Boost/Cut PreScale Hi-Pass Filter Biquad #1 Biquad #2 Biquad #3 Biquad #4 If HPB=0 User Defined Filters If DSPB=0 and C2EQBP=0 x2 FIR over L PreScale Hi-Pass Filter Biquad #1 Biquad #2 Biquad #3 Biquad #4 De-Emph. If DEMP=0 x2 FIR over sampling R Bass Treble If C2TCB=0 BTC: Bass Boost/Cut TTC: Treble Boost/Cut If BQ5=1 and BQL=1 Biquad #5 If BQ6=1 and BQL=1 Biquad #6 IF BQ7=1 and BQL=1 Biquad #7 If BQ5=1 and BQL=1 Biquad #5 If BQ6=1 and BQL=1 Biquad #6 IF BQ7=1 and BQL=1 Biquad #7 From I2S input interface PreScale Biquad #1 Biquad #2 Biquad #3 Biquad #4 If HPB=0 User Defined Filters If DSPB=0 and C1EQBP=0 x2 FIR over L Sampling frequency=Fs Sampling frequency=2xFs From I2S input interface PreScale Hi-Pass Filter Hi-Pass Filter Hi-Pass Filter Hi-Pass Filter Biquad #1 Biquad #2 Biquad #3 Biquad #4 De-Emph. If DEMP=0 x2 FIR over sampling L Sampling frequency=Fs Sampling frequency=2xFs Bass Treble If C1TCB=0 BTC: Bass Boost/Cut TTC: Treble Boost/Cut PreScale Hi-Pass Filter Biquad #1 Biquad #2 Biquad #3 Biquad #4 If HPB=0 User Defined Filters If DSPB=0 and C2EQBP=0 x2 FIR over L PreScale Hi-Pass Filter Biquad #1 Biquad #2 Biquad #3 Biquad #4 De-Emph. If DEMP=0 x2 FIR over sampling R Bass Treble If C2TCB=0 BTC: Bass Boost/Cut TTC: Treble Boost/Cut If BQ5=1 and BQL=1 Biquad #5 If BQ6=1 and BQL=1 Biquad #6 IF BQ7=1 and BQL=1 Biquad #7 If BQ5=1 and BQL=1 Biquad #5 If BQ6=1 and BQL=1 Biquad #6 IF BQ7=1 and BQL=1 Biquad #7 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |