công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24C02-W bảng dữ liệu(PDF) 37 Page - STMicroelectronics

tên linh kiện M24C02-W
Giải thích chi tiết về linh kiện  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-W bảng dữ liệu(HTML) 37 Page - STMicroelectronics

Back Button M24C02-W Datasheet HTML 30Page - STMicroelectronics M24C02-W Datasheet HTML 31Page - STMicroelectronics M24C02-W Datasheet HTML 32Page - STMicroelectronics M24C02-W Datasheet HTML 33Page - STMicroelectronics M24C02-W Datasheet HTML 34Page - STMicroelectronics M24C02-W Datasheet HTML 35Page - STMicroelectronics M24C02-W Datasheet HTML 36Page - STMicroelectronics M24C02-W Datasheet HTML 37Page - STMicroelectronics M24C02-W Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Revision history
Doc ID 5067 Rev 17
37/38
29-Apr-2010
16
Deleted TSSOP8 3x3 mm package from cover page.
Deleted Figure and Table relating to TSSOP8 3x3 mm package
information.
Deleted line and note in Table 24: Ordering information scheme concerning
TSSOP8 3x3 mm package.
In Table 26: Available M24C08 products (package, voltage range,
temperature grade) updated UFDFPN8 (MC) package for M24C08-F range
to 5 and deleted line concerning TSSOP8 3x3 mm package.
In Table 27: Available M24C04 products (package, voltage range,
temperature grade) updated UFDFPN8 (MC) package for M24C08-F range
to 5.
In Table 28: Available M24C02 products (package, voltage range,
temperature grade) updated UFDRPN8 options to MB or MC.
15-Apr-2011
17
Updated:
- Text modified in Section 2.3: Chip Enable (E0, E1, E2).
- Text modified in Section 3.6: Write operations.
- VESD minimum value deleted ofTable 5: Absolute maximum ratings.
- Figure 15: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package
no lead 2 x 3 mm, outline.
- E2 (Rev MC): “ddd” has been changed to “eee” and its values modified in
Table 21: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no
lead 2 x 3 mm, data.
Added:
- Note at the end of the Section 1: Description.
- Figure footnote below the Figure 3: WLCSP and thin WLCSP connections
(top view, marking side, with balls on the underside).
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com