| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C16-F bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C16-F bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 38 page ![]() Revision history M24C16, M24C08, M24C04, M24C02, M24C01 36/38 Doc ID 5067 Rev 17 30-Jan-2009 11 Section 2.4: Supply voltage (VCC) clarified. Figure 5: Maximum RP value versus bus parasitic capacitance (C) for an I²C bus updated. IOL added to Table 5: Absolute maximum ratings. ICC1 test conditions clarified in DC characteristics Table 9, Table 10, Table 11 and Table 12. Note modified below Table 14: Input parameters. tXH1XH2 and tXL1XL2 added to Table 15: AC characteristics at 400 kHz (I2C Fast-mode) (M24Cxx-W, M24Cxx-R, M24Cxx-F), note 4 removed. Figure 12: AC waveforms updated. WLCSP package added (refer to Figure 3 and Section 7: Package mechanical data). In Section 7: Package mechanical data: – ECOPACK text added – inch values calculated from millimeters and rounded to four decimal digits – UFDFPN package specifications updated Small text changes. 11-Mar-2009 12 Timings for 100 kHz I2C Standard-mode added (see Table 16: AC characteristics at 100 kHz (I2C Standard-mode) (M24Cxx-W, M24Cxx-R, M24Cxx-F). 28-May-2009 13 Added Thin WLCSP package. Added Table 19: M24C16: WLCSP (0.5 mm height) 0.4 mm pitch, 5 bumps, package data. Updated available devices in Table 25, Table 26, Table 27, Table 28, and Table 29. 02-Mar-2010 14 Package ECOPACK1 or ECOPACK2 category specified. Section 3.1: Start condition and Section 3.6: Write operations updated. ILO test conditions modified in Table 9: DC characteristics (M24Cxx-W, device grade 6), Table 10: DC characteristics (M24Cxx-W, device grade 3) and Table 11: DC characteristics (M24Cxx-R). Table 15: AC characteristics at 400 kHz (I2C Fast-mode) (M24Cxx-W, M24Cxx-R, M24Cxx-F) modified. tDL1DL2 renamed as tQL1QL2 in Table 16: AC characteristics at 100 kHz (I2C Standard-mode) (M24Cxx-W, M24Cxx-R, M24Cxx-F). Figure 12: AC waveforms updated. 01-Apr-2010 15 Updated Figure 15: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm, outline and Table 21 on page 30. Updated Table 13: AC measurement conditions. Updated Table 25 to Table 27. Date Version Changes |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |