công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4800 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PE4800
Giải thích chi tiết về linh kiện  D-Sub Receptacle Contact Crimp/Solder Attachment For RG58,RG141,RG303
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4800 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4800 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4800 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Contact Crimp/Solder Attachment For RG58, RG141, RG303
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
RG58,RG141,RG303
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.049 [26.64]
Width/Dia., in [mm]
0.236 [5.99]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Contact Crimp/Solder Attachment For RG58, RG141, RG303 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Contact Crimp/Solder Attachment For RG58, RG141, RG303 PE4800
URL: http://www.pasternack.com/d-sub-receptacle-standard-rg58-rg141-rg303-connector-pe4800-p.aspx
PE4800
PE4800 REV 01
D-Sub Receptacle Contact Crimp/Solder
Attachment For RG58, RG141, RG303


Số phần tương tự - PE4800

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE48010 PASTERNACK-PE48010 Datasheet
295Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch cable
A
PE48012 PASTERNACK-PE48012 Datasheet
287Kb / 3P
SMB Jack Connector Crimp Attachment for PEC195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48013 PASTERNACK-PE48013 Datasheet
282Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
A
PE48014 PASTERNACK-PE48014 Datasheet
280Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-240 Cable
A
More results

Mô tả tương tự - PE4800

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4808 PASTERNACK-PE4808 Datasheet
252Kb / 2P
D-Sub Plug Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE4820 PASTERNACK-PE4820 Datasheet
93Kb / 1P
D SUBMINIA TURE RECEPTACLE RIGHT ANGLE SOLDER ATTACHMENT FOR RG58 RG141 RG303
PE4828 PASTERNACK-PE4828 Datasheet
248Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG58, RG141, RG303
PE4804 PASTERNACK-PE4804 Datasheet
253Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG58, RG141, RG303
PE4816 PASTERNACK-PE4816 Datasheet
250Kb / 2P
D-Sub Receptacle Right Angle Contact Crimp/ Solder Attachment For RG58, RG141, RG303
PE4824 PASTERNACK-PE4824 Datasheet
203Kb / 2P
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE44596 PASTERNACK-PE44596 Datasheet
221Kb / 3P
QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44606 PASTERNACK-PE44606 Datasheet
234Kb / 3P
QN Female Bulkhead Connector Crimp - Solder Attachment For RG58, RG141, RG303, .500 inch Diameter
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com