| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9500AI bảng dữ liệu(PDF) 43 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9500AI bảng dữ liệu(HTML) 43 Page - SMSC Corporation |
|
43 / 66 page ![]() USB 2.0 to 10/100 Ethernet Controller Datasheet SMSC LAN950x Family 43 Revision 1.1 (04-18-13) DATASHEET Figure 6.2 flowcharts PME operation while in Internal PHY mode. The following conditions hold: EEPROM Configuration: GPIO PME Enable = 1 (enabled) GPIO PME Configuration = 0 (PME signaled via level on GPIO pin) GPIO PME Length = 0 (NA) GPIO PME Polarity = 1 (high level signals event) GPIO PME Buffer Type = 1 (Push-Pull) GPIO PME WOL Select = 0 (Magic Packet wakeup) GPIO10 Detection Select = 0 (Active-low detection) Power Method = 1 (self powered) MAC address for Magic Packet PME signaling configuration (as determined by PHY Mode) GPIO0 signals PME GPIO1 is PME_MODE_SEL Note: A POR occurring when PME_MODE_SEL = 1 and an EEPROM present with the GPIO PME Enable set results in the device entering PME Mode. |