công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN8720A bảng dữ liệu(PDF) 31 Page - SMSC Corporation

tên linh kiện LAN8720A
Giải thích chi tiết về linh kiện  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720A bảng dữ liệu(HTML) 31 Page - SMSC Corporation

Back Button LAN8720A Datasheet HTML 27Page - SMSC Corporation LAN8720A Datasheet HTML 28Page - SMSC Corporation LAN8720A Datasheet HTML 29Page - SMSC Corporation LAN8720A Datasheet HTML 30Page - SMSC Corporation LAN8720A Datasheet HTML 31Page - SMSC Corporation LAN8720A Datasheet HTML 32Page - SMSC Corporation LAN8720A Datasheet HTML 33Page - SMSC Corporation LAN8720A Datasheet HTML 34Page - SMSC Corporation LAN8720A Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
SMSC LAN8720A/LAN8720Ai
31
Revision 1.4 (08-23-12)
DATASHEET
3.7
Configuration Straps
Configuration straps allow various features of the device to be automatically configured to user defined
values. Configuration straps are latched upon Power-On Reset (POR) and pin reset (nRST).
Configuration straps include internal resistors in order to prevent the signal from floating when
unconnected. If a particular configuration strap is connected to a load, an external pull-up or pull-down
resistor should be used to augment the internal resistor to ensure that it reaches the required voltage
level prior to latching. The internal resistor can also be overridden by the addition of an external
resistor.
Note: The system designer must guarantee that configuration strap pins meet the timing
requirements specified in Section 5.5.3, "Power-On nRST & Configuration Strap Timing," on
page 70. If configuration strap pins are not at the correct voltage level prior to being latched,
the device may capture incorrect strap values.
Note: When externally pulling configuration straps high, the strap should be tied to VDDIO, except
for REGOFF and nINTSEL which should be tied to VDD2A.
3.7.1
PHYAD[0]: PHY Address Configuration
The PHYAD0 bit is driven high or low to give each PHY a unique address. This address is latched into
an internal register at the end of a hardware reset (default = 0b). In a multi-PHY application (such as
a repeater), the controller is able to manage each PHY via the unique address. Each PHY checks
each management data frame for a matching address in the relevant bits. When a match is recognized,
the PHY responds to that particular frame. The PHY address is also used to seed the scrambler. In a
multi-PHY application, this ensures that the scramblers are out of synchronization and disperses the
electromagnetic radiation across the frequency spectrum.
The device’s SMI address may be configured using hardware configuration to either the value 0 or 1.
The user can configure the PHY address using Software Configuration if an address greater than 1 is
required. The PHY address can be written (after SMI communication at some address is established)
using the PHYAD bits of the Special Modes Register. The PHYAD0 hardware configuration strap is
multiplexed with the RXER pin.
3.7.2
MODE[2:0]: Mode Configuration
The MODE[2:0] configuration straps control the configuration of the 10/100 digital block. When the
nRST pin is deasserted, the register bit values are loaded according to the MODE[2:0] configuration
straps. The 10/100 digital block is then configured by the register bit values. When a soft reset occurs
via the Soft Reset bit of the Basic Control Register, the configuration of the 10/100 digital block is
controlled by the register bit values and the MODE[2:0] configuration straps have no affect.
The device’s mode may be configured using the hardware configuration straps as summarized in
Table 3.4. The user may configure the transceiver mode by writing the SMI registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com