công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW63-4G bảng dữ liệu(PDF) 19 Page - Aavid, Thermal Division of Boyd Corporation

tên linh kiện SW63-4G
Giải thích chi tiết về linh kiện  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AAVID [Aavid, Thermal Division of Boyd Corporation]
Trang chủ  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G bảng dữ liệu(HTML) 19 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 17Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
19
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
Bi Directional
Designed for applications with airflow traveling
in a single direction, these heat sinks are suitable
for a variety of standard square IC packages.
Models are available with pre-applied thermal
tape for easy attachment to the IC. Epoxy attach
models are also available.
IC Pkg Size
IC Pkg Style
Part Number
“W” (mm)
“L” (mm)
“H” (mm)
θn3
θf 4
Finish
Attachment
Tape Code 2
10 X 10
All
615653B00250G
6.00
6.00
5.00
142.58
76.26
Black anodize
Epoxy1
N/A
10 X 10
All
709203B00400G
10.00
10.00
10.00
55.98
29.94
Black anodize
Epoxy1
N/A
24 X 24
Metal
335114B00032G
24.00
24.00
24.00
13.60
7.27
Black anodize
Tape
32
25 X 25
Metal
335214B00032G
25.00
25.00
10.00
10.00
5.35
Black anodize
Tape
32
25 X 25
Metal
335211B00032G
25.00
25.00
10.00
10.00
5.35
Black anodize
Tape
32
25 X 25
All
335214B00000G
25.00
25.00
10.00
10.00
5.35
Black anodize
Epoxy1
N/A
25 X 25
All
335211B00000G
25.00
25.00
10.00
10.00
5.35
Black anodize
Epoxy1
N/A
25 X 25
Plastic
335214B00034G
25.00
25.00
10.00
10.00
5.35
Black anodize
Tape
34
27 X 27
Plastic
335314B00035G
27.00
27.00
11.00
10.00
5.35
Black anodize
Tape
35
27 X 27
Metal
335314B00032G
27.00
27.00
11.00
10.00
5.35
Black anodize
Tape
32
27 X 27
All
335314B00000G
27.00
27.00
11.00
10.00
5.35
Black anodize
Epoxy1
N/A
28 X 28
All
700353U01100G
28.00
28.00
9.00
18.49
9.89
Unfinished
Epoxy1
N/A
30 X 30
All
335814B00000G
30.00
30.00
9.00
10.50
5.61
Black anodize
Epoxy1
N/A
30 X 30
All
335714B00000G
30.00
30.00
7.00
15.20
8.13
Black anodize
Epoxy1
N/A
30 X 30
Metal
335814B00032G
30.00
30.00
9.00
9.20
4.92
Black anodize
Tape
32
30 X 30
Metal
335714B00032G
30.00
30.00
7.00
15.20
8.13
Black anodize
Tape
32
37.5 X 37.5
All
799403B01500G
38.00
38.00
10.00
12.21
6.53
Black anodize
Epoxy1
N/A
37.5 X 37.5
All
336314B00000G
36.00
36.00
17.00
11.00
5.88
Black anodize
Epoxy1
N/A
BGA – Bi Directional
"W"
"H"
"L"
1. Epoxy ordered separately for information on Epoxy see page 114,115.
2. For tape specifications see page 88.
3. Natural convection thermal resistance based on a 75°C heat sink temperature rise.
4. Forced convection thermal resistance based on an entering 1.0 m/s (200LFM) airflow.
Material: Aluminum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com