| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC8420ES bảng dữ liệu(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8420ES bảng dữ liệu(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() DAC8420 Rev. B | Page 21 of 24 DAC8420 TO M68HC11 INTERFACE ASSEMBLY PROGRAM * M68HC11 Register Definitions PORTC EQU $1003 Port C control register * “0,0,0,0;0,CLSEL,CLR,CS” DDRC EQU $1007 Port C data direction PORTD EQU $1008 Port D data register * “0,0,LD,SCLK;SDI,0,0,0” DDRD EQU $1009 Port D data direction SPCR EQU $1028 SPI control register * “SPIE,SPE,DWOM,MSTR;CPOL,CPHA,SPR1,SPR0” SPSR EQU $1029 SPI status register * “SPIF,WCOL,0,MODF;0,0,0,0” SPDR EQU $102A SPI data register; Read-Buffer; Write-Shifter * * SDI RAM variables: SDI1 is encoded from 0 (Hex) to CF (Hex) * To select: DAC A – Set SDI1 to $0X DAC B – Set SDI1 to $4X DAC C – Set SDI1 to $8X DAC D – Set SDI1 to $CX SDI2 is encoded from 00 (Hex) to FF (Hex) * DAC requires two 8-bit loads – Address + 12 bits SDI1 EQU $00 SDI packed byte 1 “A1,A0,0,0;MSB,DB10,DB9,DB8” SDI2 EQU $01 SDI packed byte 2 “DB7,DB6,DB5,DB4;DB3,DB2,DB1,DB0” * Main Program ORG $C000 Start of user’s RAM in EVB INIT LDS #$CFFF Top of C page RAM * Initialize Port C Outputs LDAA #$07 0,0,0,0;0,1,1,1 * CLSEL-Hi, CLR-Hi, CS-Hi * To reset DAC to ZERO-SCALE, set CLSEL-Lo ($03) * To reset DAC to MID-SCALE, set CLSEL-Hi ($07) STAA PORTC Initialize Port C Outputs LDAA #$07 0,0,0,0;0,1,1,1 STAA DDRC CLSEL, CLR, and CS are now enabled as outputs * Initialize Port D Outputs LDAA #$30 0,0,1,1;0,0,0,0 * LD-Hi,SCLK-Hi,SDI-Lo STAA PORTD Initialize Port D Outputs LDAA #$38 0,0,1,1;1,0,0,0 STAA DDRD LD,SCLK, and SDI are now enabled as outputs * Initialize SPI Interface LDAA #$5F STAA SPCR SPI is Master,CPHA=1,CPOL=1,Clk rate=E/32 * Call update subroutine BSR UPDATE Xfer 2 8-bit words to DAC-8420 JMP $E000 Restart BUFFALO * Subroutine UPDATE UPDATE PSHX Save registers X, Y, and A PSHY PSHA * Enter Contents of SDI1 Data Register (DAC# and 4 MSBs) LDAA #$80 1,0,0,0;0,0,0,0 STAA SDI1 SDI1 is set to 80 (Hex) * Enter Contents of SDI2 Data Register LDAA #$00 0,0,0,0;0,0,0,0 STAA SDI2 SDI2 is set to 00 (Hex) LDX #SDI1 Stack pointer at 1st byte to send via SDI LDY #$1000 Stack pointer at on-chip registers * Clear DAC output to zero BCLR PORTC,Y $02 Assert CLR BSET PORTC,Y $02 Deassert CLR * Get DAC ready for data input BCLR PORTC,Y $01 Assert CS TFRLP LDAA 0,X Get a byte to transfer via SPI STAA SPDR Write SDI data reg to start xfer WAIT LDAA SPSR Loop to wait for SPIF BPL WAIT SPIF is the MSB of SPSR * (when SPIF is set, SPSR is negated) INX Increment counter to next byte for xfer CPX #SDI2+ 1 Are we done yet ? BNE TFRLP If not, xfer the second byte * Update DAC output with contents of DAC register BCLR PORTD,Y 520 Assert LD BSET PORTD,Y $20 Latch DAC register BSET PORTC,Y $01 De-assert CS PULA When done, restore registers X, Y & A PULY PULX RTS ** Return to Main Program ** |