| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP162ACBZ-2.3-R7 bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP162ACBZ-2.3-R7 bảng dữ liệu(HTML) 10 Page - Analog Devices |
|
10 / 24 page ![]() ADP160/ADP161/ADP162/ADP163 Data Sheet Rev. G | Page 10 of 24 0 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 10 100 10M 1M 100k 10k 1k FREQUENCY (Hz) LOAD = 150mA LOAD = 100mA LOAD = 10mA LOAD = 1mA LOAD = 100µA Figure 19. Power Supply Rejection Ratio vs. Frequency, VOUT= 3.3 V,VIN =4.3V 0 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 10 100 10M 1M 100k 10k 1k FREQUENCY (Hz) LOAD = 3.3V/150mA LOAD = 2.5V/150mA LOAD = 1.2V/150mA LOAD = 3.3V/1mA LOAD = 2.5V/1mA LOAD = 1.2V/1mA Figure 20. Power Supply Rejection Ratio vs. Frequency Various Output Voltages and Load Currents, VIN − VOUT = 1 V 0 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 10 100 10M 1M 100k 10k 1k FREQUENCY (Hz) LOAD = 150mA LOAD = 100mA LOAD = 10mA LOAD = 1mA LOAD = 100µA Figure 21. Power Supply Rejection Ratio vs. Frequency Various Output Voltages and Load Currents, VOUT= 2.5 V, VIN = 3.0V 0 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 10 100 10M 1M 100k 10k 1k FREQUENCY (Hz) LOAD = 150mA LOAD = 100mA LOAD = 10mA LOAD = 1mA LOAD = 100µA Figure 22. Power Supply Rejection Ratio vs. Frequency Various Output Voltages and Load Currents, VOUT= 3.3 V, VIN = 3.8V 0 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 10 100 10M 1M 100k 10k 1k FREQUENCY (Hz) LOAD = 150mA LOAD = 100mA LOAD = 10mA LOAD = 1mA LOAD = 100µA Figure 23. Adjustable ADP161 Power Supply Rejection Ratio vs. Frequency, VOUT = 3.3 V, VIN = 4.3 V 1k 1 10 100 0.001 0.01 1000 100 10 1 0.1 LOAD CURRENT (mA) VOUT = 3.3V VOUT = 2.5V VOUT = 1.2V ADJ 3.3V Figure 24. Output Noise vs. Load Current and Output Voltage, VIN = 5 V, COUT = 1 µF |