| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVAL-AD5660EBZ bảng dữ liệu(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-AD5660EBZ bảng dữ liệu(HTML) 19 Page - Analog Devices |
|
19 / 28 page ![]() AD5620/AD5640/AD5660 Rev. F | Page 19 of 28 POWER-ON RESET The AD5620/AD5640/AD5660 family contains a power-on reset circuit that controls the output voltage during power-up. The AD5620/AD5640/AD5660-1-2 DAC output powers up to 0 V, and the AD5620/AD5660-3 DAC output powers up to midscale. The output remains at this level until a valid write sequence is made to the DAC, which is useful in applications where it is important to know the state of the DAC output while it is in the process of powering up. POWER-DOWN MODES The AD5620/AD5640/AD5660 have four separate modes of operation. These modes are software-programmable by setting two bits in the control register. Table 7 and Table 8 show how the state of the bits corresponds to the operating mode of the device. Table 7. Modes of Operation for the AD5660 DB17 DB16 AD5660 Operating Mode 0 0 Normal operation Power-down modes: 0 1 1 kΩ to GND 1 0 100 kΩ to GND 1 1 Three-state Table 8. Modes of Operation for the AD5620/AD5640 DB15 DB14 AD5620/AD5640 Operating Mode 0 0 Normal operation Power-down modes: 0 1 1 kΩ to GND 1 0 100 kΩ to GND 1 1 Three-state When both bits are set to 0, the part works normally with its normal power consumption of 550 μA at 5 V. However, for the three power-down modes, the supply current falls to 480 nA at 5 V (200 nA at 3 V). Not only does the supply current fall, but the output stage is internally switched from the output of the amplifier to a resistor network of known values. The advan- tage is that the output impedance of the part is known while the part is in power-down mode. There are three options: the out- put is connected internally to GND through a 1 kΩ or a 100 kΩ resistor, or it is left open-circuited (three-stated). The output stage is shown in Figure 44. RESISTOR NETWORK VOUT RESISTOR STRING DAC POWER-DOWN CIRCUITRY AMPLIFIER Figure 44. Output Stage During Power-Down The bias generator, output amplifier, reference, resistor string, and other associated linear circuitry are all shut down when power-down mode is activated. However, the contents of the DAC register are unaffected when in power-down. The time to exit power-down is typically 5 μs for VDD = 5 V and VDD = 3 V (see Figure 30). MICROPROCESSOR INTERFACING AD5660-to-Blackfin® ADSP-BF53x Interface Figure 45 shows a serial interface between the AD5660 and the Blackfin ADSP-BF53x microprocessor. The ADSP-BF53x processor family incorporates two dual-channel synchronous serial ports, SPORT1 and SPORT0, for serial and multi- processor communications. Using SPORT0 to connect to the AD5660, the setup for the interface is as follows: DT0PRI drives the DIN pin of the AD5660, while TSCLK0 drives the SCLK of the part and SYNC is driven from TFS0. AD56601 1 ADDITIONAL PINS OMITTED FOR CLARITY TFS0 DTOPRI TSCLK0 SYNC DIN SCLK ADSP-BF53x1 Figure 45. AD5660-to-Blackfin ADSP-BF53x Interface |