| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP35GS bảng dữ liệu(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
TMP35GS bảng dữ liệu(HTML) 20 Page - Analog Devices |
|
20 / 20 page ![]() TMP35/TMP36/TMP37 Rev. F | Page 20 of 20 AUTOMOTIVE PRODUCTS The ADW75001Z-0REEL7 model is available with controlled manufacturing to support the quality and reliability requirements of automotive applications. Note that this automotive model may have specifications that differ from the commercial models; therefore, designers should review the Specifications section of this data sheet carefully. Only automotive grade products shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models. ©1996–2010 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D00337-0-11/10(F) |