công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST25WF080 bảng dữ liệu(PDF) 21 Page - Microchip Technology

tên linh kiện SST25WF080
Giải thích chi tiết về linh kiện  8 Mbit 1.8V SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080 bảng dữ liệu(HTML) 21 Page - Microchip Technology

Back Button SST25WF080_12 Datasheet HTML 17Page - Microchip Technology SST25WF080_12 Datasheet HTML 18Page - Microchip Technology SST25WF080_12 Datasheet HTML 19Page - Microchip Technology SST25WF080_12 Datasheet HTML 20Page - Microchip Technology SST25WF080_12 Datasheet HTML 21Page - Microchip Technology SST25WF080_12 Datasheet HTML 22Page - Microchip Technology SST25WF080_12 Datasheet HTML 23Page - Microchip Technology SST25WF080_12 Datasheet HTML 24Page - Microchip Technology SST25WF080_12 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
©2012 Silicon Storage Technology, Inc.
DS25024C
10/12
21
8 Mbit 1.8V SPI Serial Flash
SST25WF080
Not Recommended for New Designs
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction, 04H, resets the Write-Enable-Latch bit and AAI to 0 disabling
any new Write operations from occurring. The WRDI instruction will not terminate any programming
operation in progress. Any program operation in progress may continue up to TBP after executing the
WRDI instruction. CE# must be driven high before the WRDI instruction is executed. See Figure 20 for
the WRDI instruction sequence.
Figure 20:Write Disable (WRDI) Sequence
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction arms the Write-Status-Register (WRSR)
instruction and opens the status register for alteration. The Write-Status-Register instruction must be
executed immediately after the execution of the Enable-Write-Status-Register instruction. This two-
step instruction sequence of the EWSR instruction followed by the WRSR instruction works like SDP
(software data protection) command structure which prevents any accidental alteration of the status
register values. CE# must be driven low before the EWSR instruction is entered and must be driven
high before the EWSR instruction is executed. See Figure 21 for EWSR instruction followed by WRSR
instruction.
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
1203 F19.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33