công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F1788 bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện 16F1788
Giải thích chi tiết về linh kiện  28-Pin 8-Bit Advanced Analog Flash Microcontroller
PDF  450 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1788 bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button 16F1788 Datasheet HTML 9Page - Microchip Technology 16F1788 Datasheet HTML 10Page - Microchip Technology 16F1788 Datasheet HTML 11Page - Microchip Technology 16F1788 Datasheet HTML 12Page - Microchip Technology 16F1788 Datasheet HTML 13Page - Microchip Technology 16F1788 Datasheet HTML 14Page - Microchip Technology 16F1788 Datasheet HTML 15Page - Microchip Technology 16F1788 Datasheet HTML 16Page - Microchip Technology 16F1788 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 450 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41579D-page 13
PIC16(L)F1782/3
RB6/TX(1)/CK(1)/SDI(1)/SDA(1)/
ICSPCLK
RB6
TTL/ST CMOS General purpose I/O.
TX
—
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
SDI
ST
—
SPI data input.
SDA
I2COD
I2C™ data input/output.
ICSPCLK
ST
—
Serial Programming Clock.
RB7/DACOUT2/RX(1)/DT(1)/
SCK(1)/SCL(1)/ICSPDAT
RB7
TTL/ST CMOS General purpose I/O.
DACOUT2
—
AN
Voltage Reference output.
RX
ST
—
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
SCK
ST
CMOS SPI clock.
SCL
I2COD
I2C™ clock.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
RC0/T1OSO/T1CKI/PSMC1A
RC0
TTL/ST CMOS General purpose I/O.
T1OSO
XTAL
XTAL
Timer1 oscillator connection.
T1CKI
ST
—
Timer1 clock input.
PSMC1A
—
CMOS PSMC1 output A.
RC1/T1OSI/PSMC1B/CCP2(1)
RC1
TTL/ST CMOS General purpose I/O.
T1OSI
XTAL
XTAL
Timer1 oscillator connection.
PSMC1B
—
CMOS PSMC1 output B.
CCP2
ST
CMOS Capture/Compare/PWM2.
RC2/PSMC1C/CCP1(1)
RC2
TTL/ST CMOS General purpose I/O.
PSMC1C
—
CMOS PSMC1 output C.
CCP1
ST
CMOS Capture/Compare/PWM1.
RC3/PSMC1D/SCK(1)/SCL(1)
RC3
TTL/ST CMOS General purpose I/O.
PSMC1D
—
CMOS PSMC1 output D.
SCK
ST
CMOS SPI clock.
SCL
I2COD
I2C™ clock.
RC4/PSMC1E/SDI(1)/SDA(1)
RC4
TTL/ST CMOS General purpose I/O.
PSMC1E
—
CMOS PSMC1 output E.
SDI
ST
—
SPI data input.
SDA
I2COD
I2C™ data input/output.
RC5/PSMC1F/SDO(1)
RC5
TTL/ST CMOS General purpose I/O.
PSMC1F
—
CMOS PSMC1 output F.
SDO
—
CMOS SPI data output.
RC6/PSMC2A/TX(1)/CK(1)
RC6
TTL/ST CMOS General purpose I/O.
PSMC2A
—
CMOS PSMC2 output A.
TX
—
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
RC7/PSMC2B/RX(1)/DT(1)
RC7
TTL/ST CMOS General purpose I/O.
PSMC2B
—
CMOS PSMC2 output B.
RX
ST
—
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
TABLE 1-2:
PIC16(L)F1782/3 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin functions can be assigned to one of two locations via software. See Register 13-1.
2:
All pins have Interrupt-on-Change functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More