| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1789 bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1789 bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 450 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41579D-page 9 PIC16(L)F1782/3 1.0 DEVICE OVERVIEW The PIC16(L)F1782/3 are described within this data sheet. They are available in 28-pin packages. Figure 1-1 shows a block diagram of the PIC16(L)F1782/3 devices. Table 1-2 shows the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral Analog-to-Digital Converter (ADC) ●● Digital-to-Analog Converter (DAC) ●● Fixed Voltage Reference (FVR) ●● Reference Clock Module ●● Temperature Indicator ●● Capture/Compare/PWM (CCP/ECCP) Modules CCP1 ●● CCP2 ●● Comparators C1 ●● C2 ●● C3 ●● Enhanced Universal Synchronous/Asynchronous Receiver/Transmitter (EUSART) EUSART ●● Master Synchronous Serial Ports MSSP ●● Op Amp Op Amp 1 ●● Op Amp 2 ●● Programmable Switch Mode Controller (PSMC) PSMC1 ●● PSMC2 ●● Timers Timer0 ●● Timer1 ●● Timer2 ●● |