| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1786 bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1786 bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 450 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41579D-page 49 PIC16(L)F1782/3 5.0 RESETS There are multiple ways to reset this device: • Power-On Reset (POR) • Brown-Out Reset (BOR) • Low-Power Brown-Out Reset (LPBOR) •MCLR Reset •WDT Reset • RESET instruction • Stack Overflow • Stack Underflow • Programming mode exit To allow VDD to stabilize, an optional Power-up Timer can be enabled to extend the Reset time after a BOR or POR event. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 5-1. FIGURE 5-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT Note 1: See Table 5-1 for BOR active conditions. Device Reset Power-on Reset WDT Time-out Brown-out Reset LPBOR Reset RESET Instruction MCLRE Sleep BOR Active(1) PWRT R Done PWRTE LFINTOSC VDD ICSP™ Programming Mode Exit Stack Pointer |