công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F882-I/SS bảng dữ liệu(PDF) 85 Page - Microchip Technology

tên linh kiện PIC16F882-I/SS
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F882-I/SS bảng dữ liệu(HTML) 85 Page - Microchip Technology

Back Button PIC16F882-I/SS Datasheet HTML 81Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 82Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 83Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 84Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 85Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 86Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 87Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 88Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 85
PIC16F882/883/884/886/887
TABLE 6-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CM2CON1 MC1OUT MC2OUT
C1RSEL
C2RSEL
—
—
T1GSS
C2SYNC
96
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
33
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
34
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
36
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
81
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
81
T1CON
T1GINV
TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS
TMR1ON
84
Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1
module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More