công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADE7753 bảng dữ liệu(PDF) 46 Page - Analog Devices

tên linh kiện ADE7753
Giải thích chi tiết về linh kiện  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADE7753 bảng dữ liệu(HTML) 46 Page - Analog Devices

Back Button ADE7753_10 Datasheet HTML 42Page - Analog Devices ADE7753_10 Datasheet HTML 43Page - Analog Devices ADE7753_10 Datasheet HTML 44Page - Analog Devices ADE7753_10 Datasheet HTML 45Page - Analog Devices ADE7753_10 Datasheet HTML 46Page - Analog Devices ADE7753_10 Datasheet HTML 47Page - Analog Devices ADE7753_10 Datasheet HTML 48Page - Analog Devices ADE7753_10 Datasheet HTML 49Page - Analog Devices ADE7753_10 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
ADE7753
Rev. C | Page 46 of 60
Apparent Energy
Voltage rms compensation is done after the LPF3 filter (see
Figure 56).
Apparent energy gain calibration is provided for both meter-to-
meter gain adjustment and for setting the VAh/LSB constant.
VRMS = VRMS0 + VRMSOS
(64)
VAENERGY =
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
12
2
1
1
VAGAIN
VADIV
VAENERGY
initial
(68)
where:
VRMS0 is the rms measurement without offset correction.
VRMS is linear from full-scale to full-scale/20.
VADIV is similar to the CFDEN for the watt hour calibration. It
should be the same across all meters and determines the VAh/LSB
constant. VAGAIN is used to calibrate individual meters.
To calibrate the offset, two VRMS measurements are required,
for example, at Vnominal and Vnominal/10. Vnominal is set at half of the
full-scale analog input range so the smallest linear VRMS
reading is at Vnominal/10.
VRMSOS =
1
2
1
2
2
1
V
V
VRMS
V
VRMS
V
−
×
−
×
(65)
Apparent energy gain calibration should be performed before
rms offset correction to make most efficient use of the current
test points. Apparent energy gain and watt gain compensation
require testing at Ib while rms and watt offset correction require
a lower test current. Apparent energy gain calibration can be
done at the same time as the watt-hour gain calibration using
line cycle accumulation. In this case, LAENERGY and
LVAENERGY, the line cycle accumulation apparent energy
register, are both read following the line cycle accumulation
interrupt. Figure 87 shows a flowchart for calibrating active and
apparent energy simultaneously.
where VRMS1 and VRMS2 are rms register values without offset
correction for input V1 and V2, respectively.
If the range of the 12-bit, twos complement VRMSOS register is
not enough, the voltage channel offset register, CH2OS, can be
used to correct the VRMS offset.
Current rms compensation is performed before the square root:
IRMS2 = IRMS02 + 32768 × IRMSOS
(66)
VAGAIN = INT
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
12
)
(
)
(
2
1
nominal
IB
expected
IB
LVAENERGY
LVAENERGY
(69)
where IRMS0 is the rms measurement without offset correction.
The current rms calculation is linear from full-scale to full-
scale/100.
LVAENERGYIB(expected) =
INT
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
×
×
×
(s)
s/h
3600
time
on
Accumulati
constant
LSB
VAh
I
V
B
nominal
(70)
To calibrate this offset, two IRMS measurements are required,
for example, at Ib and IMAX/50. IMAX is set at half of the full-scale
analog input range so the smallest linear IRMS reading is at
IMAX/50.
IRMSOS =
2
1
2
2
2
1
2
2
2
2
2
1
I
I
IRMS
I
IRMS
I
−
×
−
×
×
32768
1
(67)
The accumulation time is determined from Equation 37 and the
line period can be determined from the PERIOD register accord-
ing to Equation 38. The VAh represented by the VAENERGY
register is
where IRMS1 and IRMS2 are rms register values without offset
correction for input I1 and I2, respectively.
VAh = VAENERGY × VAh/LSB constant
(71)
The VAh/LSB constant can be verified using this equation:
LVAENERGY
time
on
Accumulati
VA
constant
LSB
VAh
3600
(s)
×
=
(72)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com