| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
082-6151-RFX bảng dữ liệu(PDF) 5 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
082-6151-RFX bảng dữ liệu(HTML) 5 Page - Amphenol Corporation |
|
5 / 9 page ![]() 147 Amphenol® RF: 800-627-7100 Type N Type N Cable Connectors Straight Plugs Cable Plating Termination Group Part Number Body Contact Body Contact B 082-6034 Nickel Gold Crimp Crimp/Clamp C 000-34025-536C Nickel Gold Clamp Solder C 082-5375 Nickel Gold Crimp Crimp C 082-5375-RFX Nickel Gold Crimp Crimp C 000-34025-RFX Nickel Gold Clamp Solder C1 082-5370 Nickel Gold Crimp Crimp C1 082-4427 (QPL) Silver Gold Crimp Crimp E 082-5380-RFX Nickel Gold Crimp Crimp G2 082-6106 Nickel Gold Crimp Crimp G2 082-6152 Nickel Gold Crimp Crimp G3 082-340-1052 Nickel Gold Crimp Crimp G3 082-6142-1000 Silver Gold Crimp Crimp G3 082-202-1006 Nickel Gold Clamp Solder G4 082-340 (QPL) Silver Gold Crimp Crimp G4 082-332 (QPL) Silver Gold Crimp Crimp G4 082-4425-1003 Silver Gold Crimp Crimp G4 082-4425 (QPL) Silver Gold Crimp Crimp G4 082-4426-11RFX Nickel Gold Crimp Crimp G4 082-3202 Nickel Silver Clamp Clamp G4 082-312 Nickel Silver Clamp Solder G4 082-202 Nickel Silver Solder Clamp G4 082-202-RFX Nickel Gold Clamp Solder G4 082-4426 (QPL) Silver Gold Crimp Crimp G4 082-4352 (QPL) Silver Gold Clamp Solder K 082-5993 Silver Gold Crimp Crimp L 082-5955-RFX Nickel Gold Solder Solder L2 082-5956-RFX Nickel Gold Solder Solder L3 082-6124 Nickel Gold Solder Solder Angle Plugs Cable Plating Termination Group Part Number Body Contact Body Contact C1 082-5374 Nickel Gold Crimp Crimp C1 082-4442 (QPL) Silver Gold Crimp Solder G2 082-6157 Nickel Gold Crimp Solder G3 082-6048-1000 Silver Gold Crimp Solder G4 082-4440-1001 Nickel Gold Crimp Crimp G4 082-4440 (QPL) Silver Gold Crimp Crimp G4 082-5988-1000 Silver Gold Crimp Solder K 082-5995 Silver Gold Crimp Solder |