| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
082-4429-RFX bảng dữ liệu(PDF) 4 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
082-4429-RFX bảng dữ liệu(HTML) 4 Page - Amphenol Corporation |
|
4 / 9 page ![]() 146 Amphenol® RF: 800-627-7100 Type N Type N Type N Specifications (continued) Material Male contact Brass, gold or silver plated Female contact Phosphor bronze or beryllium copper, gold or silver plated Crimp ferrule Copper or brass Other metal parts Brass, nickel plated Insulator PTFE, copolymer of styrene, glass TFE (herm. sealed) Gasket Silicone or synthetic rubber (weatherproof) Military MIL-STD-348A where applicable MIL-A-55339 where applicable Plug Jack .412/.398 .230/.210 .060/.016 .177 MIN FULL THD. .168/.158 Å.630 MIN Å.330 MAX Å.827 MAX REF PLANE SEALING GASKET .625-24UNEF-2B .210 .207/.187 .362/.356 .422 MIN .077/.047 .202/.172 FULL THD. .077/.047 Å.344/.336 Å.320/.316 Å.627 MAX REF PLANE .625-24UNEF-2A MIN |