| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
082-5956-RFX bảng dữ liệu(PDF) 7 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
082-5956-RFX bảng dữ liệu(HTML) 7 Page - Amphenol Corporation |
|
7 / 9 page ![]() 149 Amphenol® RF: 800-627-7100 Type N Type N Receptacles Panel Plugs: 4-Hole Flange Plating Part Number Body Contact Terminal Type Description 000-49000-RFX Nickel Gold Solder Cup Front Mount Only 082-6100-RFX Nickel Gold Slotted Post Front Mount Only Panel Jacks: 4-Hole Flange Plating Part Number Body Contact Terminal Type Description 082-97 Nickel Silver Solder Cup Front or Rear Mount 082-97-RFX Nickel Gold Solder Cup Front or Rear Mount 082-368 (QPL) Silver Gold Solder Cup Front or Rear Mount 082-6101-RFX Nickel Gold Slotted Post Slot Terminal Adapters Straight Plug-Plug Plating Part Number Body Contact 082-100 Silver Silver 082-100-RFX Nickel Gold Straight Jack-Jack Plating Part Number Body Contact 082-101 Nickel Silver 082-101-RFX Nickel Gold T-Adapters Plating Part Number Body Contact Adapter Ends 082-102 Nickel Silver Jack-Plug-Jack 082-99 Nickel Gold Jack-Jack-Jack Bulkhead Jack-Jack Plating Part Number Body Contact 082-66 Nickel Silver 082-66-RFX Nickel Gold Angle Plug-Jack Plating Part Number Body Contact 082-213 Nickel Silver 082-64 Nickel Silver 082-64-RFX Nickel Gold |