công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7621AST bảng dữ liệu(PDF) 26 Page - Analog Devices

tên linh kiện AD7621AST
Giải thích chi tiết về linh kiện  16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7621AST bảng dữ liệu(HTML) 26 Page - Analog Devices

Back Button AD7621AST Datasheet HTML 22Page - Analog Devices AD7621AST Datasheet HTML 23Page - Analog Devices AD7621AST Datasheet HTML 24Page - Analog Devices AD7621AST Datasheet HTML 25Page - Analog Devices AD7621AST Datasheet HTML 26Page - Analog Devices AD7621AST Datasheet HTML 27Page - Analog Devices AD7621AST Datasheet HTML 28Page - Analog Devices AD7621AST Datasheet HTML 29Page - Analog Devices AD7621AST Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD7621
Rev. 0 | Page 26 of 32
MICROPROCESSOR INTERFACING
The AD7621 is ideally suited for traditional dc measurement
applications supporting a microprocessor, and ac signal
processing applications interfacing to a digital signal processor.
The AD7621 is designed to interface with a parallel 8-bit or
16-bit wide interface, or with a general-purpose serial port or
I/O ports on a microcontroller. A variety of external buffers can
be used with the AD7621 to prevent digital noise from coupling
into the ADC. The following section illustrates the use of the
AD7621 with an ADSP-219x SPI-equipped DSP.
SPI Interface (ADSP-219x)
Figure 42 shows an interface diagram between the AD7621 and
an SPI-equipped DSP, ADSP-219x. To accommodate the slower
speed of the DSP, the AD7621 acts as a slave device and data
must be read after conversion. This mode also allows the daisy-
chain feature. The convert command could be initiated in
response to an internal timer interrupt. The reading process can
be initiated in response to the end-of-conversion signal (BUSY
going low) using an interrupt line of the DSP. The serial
peripheral interface (SPI) on the ADSP-219x is configured for
master mode (MSTR) = 1, clock polarity bit (CPOL) = 0, clock
phase bit (CPHA) = 1, and SPI interrupt enable (TIMOD) = 00
by writing to the SPI control register (SPICLTx). It should be
noted that to meet all timing requirements, the SPI clock should
be limited to 17 Mb/s allowing it to read an ADC result in less
than 1 μs. When a higher sampling rate is desired, use one of
the parallel interface modes.
BUSY
CS
SDOUT
SCLK
CNVST
AD7621*
PFx
SPIxSEL (PFx)
MISOx
SCKx
PFx OR TFSx
ADSP-219x*
*ADDITIONAL PINS OMITTED FOR CLARITY
DVDD
SER/PAR
EXT/INT
RD
INVSCLK
Figure 42. Interfacing the AD7621 to SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32