công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC7109 bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện TC7109
Giải thích chi tiết về linh kiện  12-Bit ?쵡-Compatible Analog-to-Digital Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109 bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button TC7109_13 Datasheet HTML 14Page - Microchip Technology TC7109_13 Datasheet HTML 15Page - Microchip Technology TC7109_13 Datasheet HTML 16Page - Microchip Technology TC7109_13 Datasheet HTML 17Page - Microchip Technology TC7109_13 Datasheet HTML 18Page - Microchip Technology TC7109_13 Datasheet HTML 19Page - Microchip Technology TC7109_13 Datasheet HTML 20Page - Microchip Technology TC7109_13 Datasheet HTML 21Page - Microchip Technology TC7109_13 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
TC7109/A
DS21456D-page 18
 2002-2012 Microchip Technology Inc.
FIGURE 4-2:
Three-Stating Several TC7109As to a Small Bus
FIGURE 4-3:
Full Time Parallel Interface to
PD8748H/494 Microcontrollers
TC7109A
MODE
CE/LOAD
B9 - B12
POL, OR
B1 - B8
LBEN
HBEN
GND
8
Analog In
6
RUN/HOLD
+5V
Converter Select
Converter Select
Converter Select
TC7109A
MODE
CE/LOAD
B9 - B12
POL, OR
B1 - B8
LBEN
HBEN
GND
8
Analog In
6
RUN/HOLD
+5V
TC7109A
MODE
CE/LOAD
B9 - B12
POL, OR
B1 - B8
LBEN
HBEN
GND
8
Analog In
6
RUN/HOLD
+5V
Byte Select Flags
TC7109A
MODE CE/LOAD
B9 - B12
POL, OR
B1 - B8
STATUS
RUN/HOLD
LBEN
HBEN
GND
GND
8
6
See Text
μPD8255A
(Mode 0)
RD WR D7 - D0 A0 - A1
CS
PA5 - PA0
PB7 - PB0
PC5
μPD8748H/49H
Data Bus
Control Bus
Address Bus
Analog In
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32