công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC4627 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện TC4627
Giải thích chi tiết về linh kiện  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4627 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  TC4627 Datasheet HTML 1Page - Microchip Technology TC4627 Datasheet HTML 2Page - Microchip Technology TC4627 Datasheet HTML 3Page - Microchip Technology TC4627 Datasheet HTML 4Page - Microchip Technology TC4627 Datasheet HTML 5Page - Microchip Technology TC4627 Datasheet HTML 6Page - Microchip Technology TC4627 Datasheet HTML 7Page - Microchip Technology TC4627 Datasheet HTML 8Page - Microchip Technology TC4627 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC4626/TC4627
DS21426C-page 4
 2001-2012 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin PDIP,
CERDIP)
Symbol
Description
1C1-
2C1+
3C2
4
GND
Ground.
5OUT
6VBOOST
7IN
8VDD
Pin No.
(16-Pin SOIC
Wide)
Symbol
Description
1C1-
2
NC
No connect.
3C1+
4
NC
No connect.
5C2
6
NC
No connect.
7
NC
No connect.
8
GND
Ground.
9OUT
10
NC
No connect.
11
VBOOST
12
NC
No connect.
13
IN
14
NC
No connect.
15
NC
No connect.
16
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18