công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC4626 bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện TC4626
Giải thích chi tiết về linh kiện  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4626 bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button TC4626_13 Datasheet HTML 8Page - Microchip Technology TC4626_13 Datasheet HTML 9Page - Microchip Technology TC4626_13 Datasheet HTML 10Page - Microchip Technology TC4626_13 Datasheet HTML 11Page - Microchip Technology TC4626_13 Datasheet HTML 12Page - Microchip Technology TC4626_13 Datasheet HTML 13Page - Microchip Technology TC4626_13 Datasheet HTML 14Page - Microchip Technology TC4626_13 Datasheet HTML 15Page - Microchip Technology TC4626_13 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC4626/TC4627
DS21426C-page 12
 2001-2012 Microchip Technology Inc.
Package Dimensions (Continued)
8°
MAX.
PIN 1
.299 (7.59)
.291 (7.40)
.413 (10.49)
.398 (10.10)
.019 (0.48)
.014 (0.36)
.012 (0.30)
.004 (0.10)
.104 (2.64)
.097 (2.46)
.013 (0.33)
.009 (0.23)
.050 (1.27)
.016 (0.40)
.419 (10.65)
.398 (10.10)
.050 (1.27) TYP.
16-Pin SOIC (Wide)
Dimensions: inches (mm)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18