| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC520A bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC520A bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 16 page ![]() 2001-2012 Microchip Technology Inc. DS21431C-page 11 TC520A 5.3 Package Dimensions .260 (6.60) .240 (6.10) .770 (19.56) .745 (18.92) .310 (7.87) .290 (7.37) .040 (1.02) .020 (0.51) .070 (1.78) .045 (1.14) .022 (0.56) .015 (0.38) .110 (2.79) .090 (2.29) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92) PIN 1 14-Pin PDIP (Narrow) .015 (0.38) .008 (0.20) 3 ˚MIN. .400 (10.16) .310 (7.87) Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging 8 ° MAX. PIN 1 .299 (7.59) .291 (7.40) .413 (10.49) .398 (10.10) .019 (0.48) .014 (0.36) .012 (0.30) .004 (0.10) .104 (2.64) .097 (2.46) .013 (0.33) .009 (0.23) .050 (1.27) .016 (0.40) .419 (10.65) .398 (10.10) .050 (1.27) TYP. 16-Pin SOIC (Wide) Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |