công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST38VF6402B bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện SST38VF6402B
Giải thích chi tiết về linh kiện  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 3Page - Microchip Technology SST38VF6402B Datasheet HTML 4Page - Microchip Technology SST38VF6402B Datasheet HTML 5Page - Microchip Technology SST38VF6402B Datasheet HTML 6Page - Microchip Technology SST38VF6402B Datasheet HTML 7Page - Microchip Technology SST38VF6402B Datasheet HTML 8Page - Microchip Technology SST38VF6402B Datasheet HTML 9Page - Microchip Technology SST38VF6402B Datasheet HTML 10Page - Microchip Technology SST38VF6402B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS25002B-page 7
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
B128
4 KWord
1111111001
YES
YES
NO
B129
4 KWord
1111111010
YES
YES
NO
B130
4 KWord
1111111011
YES
YES
NO
B131
4 KWord
1111111100
YES
YES
NO
B132
4 KWord
1111111101
YES
YES
NO
B133
4 KWord
1111111110
YES
YES
YES
B134
4 KWord
1111111111
YES
YES
YES
1. Each block, B0-B127 is 32KWord.
2. X = 0 or 1. Block Address (BA) = A21 - A15
3. Each block has an associated VPB and NVPB, except for some blocks in SST38VF6403B and SST38VF6404B.
In SST38VF6403B, Block B0 does not have a single VPB or NVPB for all 32 KWords. Instead, each block (4 KWord) in Block
B0 has its own VPB and NVPB.
In SST38VF6404B, Block B127 does not have a single VPB or NVPB for all 32 KWords. Instead, each block (4 KWord) in
Block B127 has its own VPB and NVPB.
4. The 8KWord boot block consists of S0 and S1 in Block B0.
5. The 8KWord boot block consists of S1022 and S1023 in Block B127.
TABLE 3-2:
SST38VF6403B AND SST38VF6404B MEMORY MAPS (CONTINUED) (SHEET 2 OF 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58