| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DTC646 bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DTC646 bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 30 page ![]() TC646 DS21446D-page 18 2002-2012 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information XXXXXXXX NNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXXXX YYWW NNN TC646VPA 025 0215 TC646VOA 0215 025 8-Lead MSOP Example: XXXXXX YWWNNN TC646E 215025 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |