| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF721 bảng dữ liệu(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF721 bảng dữ liệu(HTML) 1 Page - Microchip Technology |
|
1 / 254 page ![]() 2010-2013 Microchip Technology Inc. DS41430D-page 1 PIC16(L)F720/721 Devices Included In This Data Sheet: High-Performance RISC CPU: • Only 35 Instructions to Learn: - All single-cycle instructions except branches • Operating Speed: - DC – 16 MHz oscillator/clock input - DC – 250 ns instruction cycle • Up to 4K x 14 Words of Flash Program Memory • Up to 256 bytes of Data Memory (RAM) • Interrupt Capability • 8-Level Deep Hardware Stack • Direct, Indirect and Relative Addressing modes • Processor Self-Write/Read access to Program Memory Special Microcontroller Features: • Precision Internal Oscillator: - 16 MHz or 500 kHz operation - Factory calibrated to ±1%, typical - Software tunable - Software selectable ÷1, ÷2, ÷4 or ÷8 divider • Power-Saving Sleep mode • Industrial and Extended Temperature Range • Power-on Reset (POR) • Power-up Timer (PWRT) • Brown-out Reset (BOR) • Multiplexed Master Clear with Pull-up/Input Pin • Programmable Code Protection • In-Circuit Serial ProgrammingTM (ICSPTM) via Two Pins • 128 Bytes High-Endurance Flash: - 100,000 write Flash endurance (minimum) • Wide Operating Voltage Range: - 1.8V to 5.5V (PIC16F720/721) - 1.8V to 3.6V (PIC16LF720/721) Low-Power Features: • Standby Current: - 40 nA @ 1.8V, typical • Low-Power Watchdog Timer Current: - 500 nA @ 1.8V, typical Peripheral Features: • Up to 17 I/O Pins and 1 Input-only Pin: - High-current source/sink for direct LED drive - Interrupt-on-change pins - Individually programmable weak pull-ups • A/D Converter: - 8-bit resolution - 12 channels - Selectable Voltage reference • Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler • Enhanced Timer1 - 16-bit timer/counter with prescaler - External Gate Input mode with toggle and single shot modes - Interrupt-on-gate completion • Timer2: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler • Capture, Compare, PWM module (CCP) - 16-bit Capture, max resolution 12.5 ns - 16-bit Compare, max resolution 250 ns - 10-bit PWM, max frequency 15 kHz • Addressable Universal Synchronous Asynchronous Receiver Transmitter (AUSART) • Synchronous Serial Port (SSP) - SPI (Master/Slave) -I2CTM (Slave) with Address Mask • PIC16F720 • PIC16LF720 • PIC16F721 • PIC16LF721 20-Pin Flash Microcontrollers |
Số phần tương tự - PIC16LF721 |
|
Mô tả tương tự - PIC16LF721 |